Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8575DGVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8575DGVR
Description  REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCF8575DGVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCF8575DGVR Datasheet HTML 7Page - Texas Instruments PCF8575DGVR Datasheet HTML 8Page - Texas Instruments PCF8575DGVR Datasheet HTML 9Page - Texas Instruments PCF8575DGVR Datasheet HTML 10Page - Texas Instruments PCF8575DGVR Datasheet HTML 11Page - Texas Instruments PCF8575DGVR Datasheet HTML 12Page - Texas Instruments PCF8575DGVR Datasheet HTML 13Page - Texas Instruments PCF8575DGVR Datasheet HTML 14Page - Texas Instruments PCF8575DGVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
www.ti.com
TYPICAL OPERATING CHARACTERISTICS
0
5
10
15
20
25
30
35
40
45
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7
0
5
10
15
20
25
30
35
40
45
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7
0
100
200
300
400
500
600
−50 −25
0
25
50
75 100 125
0
5
10
15
20
25
30
35
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
5
10
15
20
25
0.0
0.1
0.2
0.3
0.4
0.5
0.6
I/O Sink Current
vs Output Low Voltage
VCC = 3.3 V
TA = 25_C
TA = 85_C
TA = −40_C
VOL (V)
0
2
4
6
8
10
12
14
16
18
20
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
10
20
30
40
50
60
70
80
90
100
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
0
10
20
30
40
50
60
70
80
90
−50 −25
0
25
50
75 100 125
0
20
40
60
80
100
120
−50 −25
0
25
50
75
100 125
Supply Current
vs Temperature
Temperature (5C)
fSCL = 400 kHz
All I/Os unloaded
Temperature (5C)
Supply Current
vs Supply Voltage
I/O Sink Current
vs Output Low Voltage
I/O Sink Current
vs Output Low Voltage
Temperature (5C)
I/O Source Current
vs Output High Voltage
I/O Source Current
vs Output High Voltage
VCC = 5 V
VCC = 3.3 V
VCC = 2.5 V
VCC = 2.5 V
SCL = VCC
All I/Os unloaded
fSCL = 400 kHz
All I/Os unloaded
VCC = 2.5 V
VCC = 5 V
TA = −40_C
TA = 25_C
VCC = 3.3 V
TA = −40_C
TA = 85_C
TA = −40_C
TA = 25_C
TA = 85_C
TA = −40_C
TA = 25_C
TA = 85_C
TA = 25_C
TA = 85_C
VCC = 5 V, ISINK = 10 mA
VCC = 2.5 V, ISINK = 10 mA
VCC = 5 V,
ISINK = 1 mA
VCC = 2.5 V,
ISINK = 1 mA
VCC − VOH (V)
VCC − VOH (V)
VOL (V)
Standby Supply Current
vs Temperature
I/O Output Low Voltage
vs Temperature
VCC = 5 V
VCC = 3.3 V
VCC = 2.5 V
Supply Voltage (V)
Vol (V)
PCF8575
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER
WITH INTERRUPT OUTPUT
SCPS121C – JANUARY 2005 – REVISED OCTOBER 2006
T
A = 25°C (unless otherwise noted)
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com