Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7555IPA Datasheet(PDF) 4 Page - Intersil Corporation

Part # 7555IPA
Description  General Purpose Timers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

7555IPA Datasheet(HTML) 4 Page - Intersil Corporation

  7555IPA Datasheet HTML 1Page - Intersil Corporation 7555IPA Datasheet HTML 2Page - Intersil Corporation 7555IPA Datasheet HTML 3Page - Intersil Corporation 7555IPA Datasheet HTML 4Page - Intersil Corporation 7555IPA Datasheet HTML 5Page - Intersil Corporation 7555IPA Datasheet HTML 6Page - Intersil Corporation 7555IPA Datasheet HTML 7Page - Intersil Corporation 7555IPA Datasheet HTML 8Page - Intersil Corporation 7555IPA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN2867.9
August 24, 2006
Functional Diagram
Reset Voltage
VRST
VDD = 2V to 15V
0.4
1.0
0.2
1.2
V
Reset Current
IRST
VDD = 15V
10
50
nA
Discharge Leakage
IDIS
VDD = 15V
10
50
nA
Output Voltage
VOL
VDD = 15V, ISINK = 20mA
0.4
1.0
1.25
V
VDD = 5V, ISINK = 3.2mA
0.2
0.4
0.5
V
VOH
VDD = 15V, ISOURCE = 0.8mA
14.3
14.6
14.2
V
VDD = 5V, ISOURCE = 0.8mA
4.0
4.3
3.8
V
Discharge Output Voltage
VDIS
VDD = 5V, ISINK = 15mA
0.2
0.4
0.6
V
VDD = 15V, ISINK = 15mA
0.4
V
Supply Voltage (Note 3)
VDD
Functional Operation
2.0
18.0
3.0
16.0
V
Output Rise Time (Note 3)
tR
RL = 10M, CL = 10pF, VDD = 5V
75
ns
Output Fall Time (Note 3)
tF
RL = 10M, CL = 10pF, VDD = 5V
75
ns
Oscillator Frequency
(Note 3)
fMAX
VDD = 5V, RA = 470Ω, RB = 270Ω,
C = 200pF
1MHz
NOTES:
3. These parameters are based upon characterization data and are not tested.
4. Applies only to military temperature range product (M suffix).
Electrical Specifications
Applies to ICM7555 and ICM7556, unless otherwise specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TA = +25°C
(NOTE 4)
-55°C TO
+125°C
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
+
-
THRESHOLD
CONTROL
VOLTAGE
6
5
3
1
+
-
TRIGGER
2
COMPARATOR
R
GND
B
COMPARATOR
A
R
VDD
8
OUTPUT
7
1
n
DISCHARGE
OUTPUT
DRIVERS
FLIP-FLOP
RESET
4
R
NOTE:
This functional diagram reduces the circuitry down to its simplest equivalent components. Tie down unused inputs.
TRUTH TABLE
THRESHOLD VOLTAGE
TRIGGER VOLTAGE
RESET
OUTPUT
DISCHARGE SWITCH
Don’t Care
Don’t Care
Low
Low
On
>2/3(V+)
>1/3(V+)
High
Low
On
<2/3(V+)
>1/3(V+)
High
Stable
Stable
Don’t Care
<1/3(V+)
High
High
Off
NOTE: RESET will dominate all other inputs: TRIGGER will dominate over THRESHOLD.
ICM7555, ICM7556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com