Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7555IPA Datasheet(PDF) 8 Page - Intersil Corporation

Part # 7555IPA
Description  General Purpose Timers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

7555IPA Datasheet(HTML) 8 Page - Intersil Corporation

Back Button 7555IPA Datasheet HTML 4Page - Intersil Corporation 7555IPA Datasheet HTML 5Page - Intersil Corporation 7555IPA Datasheet HTML 6Page - Intersil Corporation 7555IPA Datasheet HTML 7Page - Intersil Corporation 7555IPA Datasheet HTML 8Page - Intersil Corporation 7555IPA Datasheet HTML 9Page - Intersil Corporation 7555IPA Datasheet HTML 10Page - Intersil Corporation 7555IPA Datasheet HTML 11Page - Intersil Corporation 7555IPA Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN2867.9
August 24, 2006
FIGURE 10. NORMALIZED FREQUENCY STABILITY IN THE
ASTABLE MODE vs SUPPLY VOLTAGE
FIGURE 11. DISCHARGE OUTPUT CURRENT vs DISCHARGE
OUTPUT VOLTAGE
FIGURE 12. PROPAGATION DELAY vs VOLTAGE LEVEL OF
TRIGGER PULSE
FIGURE 13. NORMALIZED FREQUENCY STABILITY IN THE
ASTABLE MODE vs TEMPERATURE
FIGURE 14. FREE RUNNING FREQUENCY vs RA, RB AND C
FIGURE 15. TIME DELAY IN THE MONOSTABLE MODE vs
RA AND C
Typical Performance Curves (Continued)
SUPPLY VOLTAGE (V)
TA = 25°C
RA = RB = 10MΩ
0.1
1.0
10.0
100.0
8
8
6
4
2
0
2
4
6
C = 100pF
RA = RB = 10kΩ
C = 0.1
μF
TA = 25°C
DISCHARGE LOW VOLTAGE (V)
VDD = 2V
VDD = 5V
VDD = 18V
0.01
0.1
1.0
10.0
0.1
100
10.0
1.0
TA = 25°C
LOWEST VOLTAGE LEVEL OF
TRIGGER PULSE (%VDD)
VDD = 5V
010
20
30
40
0
600
500
400
300
200
100
TA = 70°C
TA = -20°C
TEMPERATURE (°C)
060
80
-0.1
+0.1
0
RA = RB = 10kΩ
C = 0.1
μF
40
20
-20
+0.2
+0.3
+0.4
+0.5
+0.6
+0.7
+0.8
+0.9
+1.0
VDD = 2V
VDD = 5V
VDD = 18V
VDD = 2V
TA = 25°C
FREQUENCY (Hz)
(RA + 2RB)
1k
Ω
10k
Ω
100k
Ω
1M
Ω
10M
Ω
100M
Ω
10
0.1
1
100
1k
10k
100k
1M
10M
1.0
100m
10m
1m
100
μ
10
μ
1
μ
100n
10n
1n
100p
10p
1p
TIME DELAY (s)
1k
Ω
10k
Ω
100k
Ω
1M
Ω
10M
Ω
100M
Ω
10
μ
100n
1
μ
100
μ
1m
10m
100m
1
10
1.0
100m
10m
1m
100
μ
10
μ
1
μ
100n
10n
1n
100p
10p
1p
RA
TA = 25°C
ICM7555, ICM7556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com