Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEC4094BF Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HEC4094BF
Description  8-stage shift-and-store bus register
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEC4094BF Datasheet(HTML) 4 Page - NXP Semiconductors

  HEC4094BF Datasheet HTML 1Page - NXP Semiconductors HEC4094BF Datasheet HTML 2Page - NXP Semiconductors HEC4094BF Datasheet HTML 3Page - NXP Semiconductors HEC4094BF Datasheet HTML 4Page - NXP Semiconductors HEC4094BF Datasheet HTML 5Page - NXP Semiconductors HEC4094BF Datasheet HTML 6Page - NXP Semiconductors HEC4094BF Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
January 1995
4
Philips Semiconductors
Product specification
8-stage shift-and-store bus register
HEF4094B
MSI
FUNCTION TABLE
Notes
1. H = HIGH state (the more positive voltage)
2. L = LOW state (the less positive voltage)
3. X = state is immaterial
4.
= positive-going transition
5.
= negative-going transition
6. Z = high impedance off state
7. nc = no change
8. O’6 = the information in the seventh shift register stage
At the positive clock edge the information in the 7th register stage is transferred to the 8th register stage and the
Os output.
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; input transition times ≤ 20 ns
INPUTS
PARALLEL OUTPUTS
SERIAL OUTPUTS
CP
EO
STR
D
O0
On
Os
O’s
LX
X
Z
Z
O’6
nc
LX
X
Z
Z
nc
O7
HL
X
nc
nc
O’6
nc
HH
L
L
On-1
O’6
nc
HH
H
H
On-1
O’6
nc
HH
H
nc
nc
nc
O7
VDD
V
TYPICAL FORMULA FOR P (
µW)
Dynamic power
5
2100 fi +∑ (foCL) × VDD2
where
dissipation per
10
9700 fi +∑ (foCL) × VDD2
fi = input freq. (MHz)
package (P)
15
26 000 fi +∑ (foCL) × VDD2
fo = output freq. (MHz)
CL = load capacitance (pF)
∑ (f
oCL) = sum of outputs
VDD = supply voltage (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com