Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEC4094BF Datasheet(PDF) 2 Page - NXP Semiconductors

Part # HEC4094BF
Description  8-stage shift-and-store bus register
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEC4094BF Datasheet(HTML) 2 Page - NXP Semiconductors

  HEC4094BF Datasheet HTML 1Page - NXP Semiconductors HEC4094BF Datasheet HTML 2Page - NXP Semiconductors HEC4094BF Datasheet HTML 3Page - NXP Semiconductors HEC4094BF Datasheet HTML 4Page - NXP Semiconductors HEC4094BF Datasheet HTML 5Page - NXP Semiconductors HEC4094BF Datasheet HTML 6Page - NXP Semiconductors HEC4094BF Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
January 1995
2
Philips Semiconductors
Product specification
8-stage shift-and-store bus register
HEF4094B
MSI
DESCRIPTION
The HEF4094B is an 8-stage serial shift register having a
storage latch associated with each stage for strobing data
from the serial input to parallel buffered 3-state outputs
O0 to O7. The parallel outputs may be connected directly
to common bus lines. Data is shifted on positive-going
clock transitions. The data in each shift register stage is
transferred to the storage register when the strobe (STR)
input is HIGH. Data in the storage register appears at the
outputs whenever the output enable (EO) signal is HIGH.
Two serial outputs (Os and O’s) are available for cascading
a number of HEF4094B devices. Data is available at Os on
positive-going clock edges to allow high-speed operation
in cascaded systems in which the clock rise time is fast.
The same serial information is available at O’s on the next
negative-going clock edge and provides cascading
HEF4094B devices when the clock rise time is slow.
Fig.1 Functional diagram.
PINNING
FAMILY DATA, IDD LIMITS category MSI
See Family Specifications
HEF4094BP(N): 16-lead DIL; plastic
(SOT38-1)
HEF4094BD(F): 16-lead DIL; ceramic (cerdip)
(SOT74)
HEF4094BT(D): 16-lead SO; plastic
(SOT109-1)
( ): Package Designator North America
D
data input
EO
output enable input
CP
clock input
Os, O’s
serial outputs
STR
strobe input
O0 to O7
parallel outputs
Fig.2 Pinning diagram.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com