Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4351-2ACPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADA4351-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4351-2ACPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADA4351-2ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Data Sheet
ADA4351-2
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 30 of 36
Sticking with the Butterworth solution, a simple expression for the
maximum achievable gain given a target f−3 dB bandwidth and a CS
can be derived as follows:
RF,MAX= GBPf‐3 dB22πCS
(4)
Conversely, Equation 3 can be solved for the maximum f−3 dB for a
target RF to achieve a Butterworth response. Or, Equation 3 can be
used to solve for the minimum required GBP for the desired RF and
f−3 dB.
In general, to place P1 (the feedback pole) to get any Q for the
second-order closed-loop response, simply set P1 = Q × f0, which
is more applicable in designs where CS > 5 × CF. With a f0 largely
determined by CS and the GBP of the amplifier, the resulting f−3
dB for any Q is given by the following equation. Evaluating the
following equation at Q = 0.707 gives a ratio of 1. Evaluating the
following equation at Q = 0.62 and RF = 15 kΩ, CD = 100 pF, and
CF = 16 pF for the first example design gives 0.85, where then f−3 dB
= 0.85 × 926 kHz = 782 kHz ≈ 745 kHz (actual, see Figure 88).
f‐3 dBf0
= 1− 12Q2 + 1− 12Q2 2+1 (5)
These are approximate guidelines and making slight adjustments in
the CF value can tune a design into the desired frequency response
shape and/or pulse response.
NOISE CONTRIBUTIONS FOR
TRANSIMPEDANCE AMPLIFIERS
There are three main sources of noise in photodiode TIA applica-
tions that set the current noise floor (referred to the output). The
three noise sources include the following:
1. The Johnson noise of the feedback resistor
2. The current noise due to the input bias or leakage currents of
the amplifier
3. The effect of the input voltage noise on the output of the op amp
Figure 92. Noise Sources in the ADA4351-2
Each of these noise sources is referred to the output at the SW0
or SW1 pins. The spectral densities of these noise sources are
integrated over their respective noise bandwidths and then root
mean squared to provide the total output integrated noise.
The feedback resistor produces a temperature dependent John-
son noise given by
4kTRF,whichresultsinagaintothe
output of 1 V/V and is band limited by the feedback pole, P1.
Estimating a single-pole roll-off for this noise source gives a
noise power bandwidth (NPBW) of 1.57 × P1. A good starting
point for 4kT = 1.65 × 10−20 at 25°C.
The input current noise for the op amp itself has a shot noise
current term set by the DC input bias or leakage current, which
can be low. The current noise of the CMOS input devices rises
over frequency, and an estimate for the maximum current noise
over frequency is a flat 110 fA/√Hz density in the 10 kHz to 100
kHz region. This estimate for the input bias current noise term is
referred to the output by a factor of RF and has the same 1.57 ×
P1 noise power bandwidth as the resistor noise.
The noise gain of the input voltage noise of 7.3 nV/√Hz is the
same as the noise gain in the TIA loop gain plot (see Figure 87).
Hence, this noise starts out at a gain of 1 until Z1 (see Figure
87) and then rises with a one-zero response to the feedback
P1 pole. The noise gain then flattens out at 1 + CS/CF until the
roll-off of the GBP, which is normally the dominant integrated
noise term, and adding a post-output filter (REXT and CEXT) can
band-limit its contribution to the total output integrated noise.
Continuing with the overcompensated design example shown in
Figure 86, each output noise term can be estimated as follows.
Here, the feedback pole frequency, P1, is 1/(2π × 15 kΩ × 19 pF)
= 558 kHz, where its noise power bandwidth to use for some of the
terms is (π/2) × 558 kHz = 1.57 × 558 kHz = 877 kHz.
1. The 15 kΩ resistor noise has a gain of 1 to the SW0 or SW1
pins. Its 15.7 nV/√Hz term adds a 15.7 nV/√Hz × √877 kHz =
14.7 μV RMS output noise term.
2. An approximate 110 fA/√Hz input current noise is gained up by
15 kΩ RF and then has the same noise power bandwidth as the
resistor noise, which is a 15 kΩ × 110 fA/√Hz × √877 kHz = 1.5
μV RMS.
3. The input voltage noise adds three terms to the output RMS
noise total. The noise has a gain of 1 through the Z1 frequency
(= 1/(2π × 15 kΩ × 105.5 pF) = 101 kHz), then a rising region
following the noise gain peaking region (see Figure 87), then
a flat higher gain region from P1 to whatever higher frequency
pole is in the system. Here, a self-limited intersection with the
GBP is used.
a. The gain of 1 region adds a 7.3 nV/√Hz × √Z1 = 7.3 nV/√Hz
× √(101 kHz) = 2.3 μV RMS.
b. The rising region can be approximated by running an inte-
gral from Z1 to P1 and extracting a single-output voltage
noise value that integrates to the same power as the actual
response shape. This solution is given by en (2πRFCSP1)/
(√3) = en(P1/(Z1 × √3)), where P1 and Z1 are in Hz.
Evaluating this equation for the circuit shown in Figure 86
and the overcompensated response of Figure 96 gives an
equivalent flat spot noise voltage at the output of 23.5
nV/√Hz. Integrating that from Z1 to P1 gives an approxi-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com