Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4351-2ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4351-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4351-2ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4351-2ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Data Sheet
ADA4351-2
SPECIFICATIONS
analog.com
Rev. 0 | 6 of 36
3 V SPECIFICATIONS
TA = 25°C, AVDD = 3 V, AVSS = 0 V, DVDD = 3 V, DVSS = 0 V, load resistance (RL) = open, and +IN = 1.5 V, unless otherwise noted. These
default AVDD, AVSS, and +IN conditions are equivalent to a symmetrical supply configuration with +IN biased to 0 V.
Table 2. 3 V Specifications
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
Test Level
DC PERFORMANCE
Offset Voltage (VOS), Referred to Input (RTI)
±25
±150
µV
P
Offset Voltage Drift, RTI
TA = 0°C to +85°C
±0.11
±0.85
µV/°C
CB
TA = −40°C to +125°C
±0.22
±0.9
µV/°C
CB
Input Bias Current at −IN
±1
±2
pA
P
TA = −40°C to +85°C
±20
pA
CT
TA = −40°C to +105°C
±30
pA
CT
TA = −40°C to +125°C
±30
pA
CT
Input Bias Current at +IN
±1
±2
pA
P
TA = −40°C to +85°C
±35
pA
CT
TA = −40°C to +105°C
±60
pA
CT
TA = −40°C to +125°C
±70
pA
CT
Open-Loop Gain (AOL)
RF = 10 kΩ, VOUT = 0.5 V to 2.5 V2
93
115
dB
P
VOUT = 0.1 V to 2.9 V, TA = −40°C to
+125°C
104
dB
CT
INPUT CHARACTERISTICS
Common-Mode Input Impedance at +IN
3.75/2.8
TΩ/pF
CB
Common-Mode Input Impedance at −IN
3.75/3.5
TΩ/pF
CB
Differential Mode Input Capacitance
2
pF
CB
Internal Feedback Capacitance
3
pF
CB
Input Common-Mode Voltage Range (VCM)
TA = −40°C to +125°C
AVSS
AVDD −
1.5V
V
CB
Common-Mode Rejection Ratio (CMRR)
VCM = 0.1 V to 1.5 V
73
87
dB
P
OUTPUT CHARACTERISTICS
Saturated Output Voltage Swing to AVSS (VOUT −
AVSS)
RF = 10 kΩ
10
mV
P
Saturated Output Voltage Swing to AVDD (AVDD −
VOUT)
RF = 10 kΩ
10
mV
P
Short-Circuit Output Current
Sinking/sourcing, VOUT = 1.5 V
27/23
mA
CB
Linear SW0 and SW1 Current3
±30
mA
CB
DYNAMIC PERFORMANCE
Gain Bandwidth Product (GBP)
8.5
MHz
CB
Slew Rate
10% to 90%
8
V/μs
CB
ANALOG POWER SUPPLIES (AVDD AND AVSS)
Operating Range VS = AVDD − AVSS
Guaranteed by power supply rejection
ratio (PSRR)
2.7
5.5
V
P
AVSS Range Below DVSS
−2.5
0
V
S
Quiescent Current Per Amplifier
3.05
3.25
mA
P
TA = −40°C to +125°C
4.1
mA
CT
PSRR
Supply voltage (VS) = 2.7 V to 5.5 V
81
92
dB
P
VS = 2.7 V to 5.5 V, TA = −40°C to +125°C 76
dB
CT
THRESHOLD VOLTAGES FOR SW SEL
Input High Voltage (VIH)
DVDD − 0.7
V
S
Input Low Voltage (VIL)
DVSS + 0.5 V
S
SW SEL Pull-Down Resistance
865
CB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com