Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT360 Datasheet(PDF) 42 Page - Qingdao Hantek Electronic Co., Ltd.

Part # HT360
Description  Leeb Hardness Tester
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTEK [Qingdao Hantek Electronic Co., Ltd.]
Direct Link  http://www.hantek.com/
Logo HANTEK - Qingdao Hantek Electronic Co., Ltd.

HT360 Datasheet(HTML) 42 Page - Qingdao Hantek Electronic Co., Ltd.

Back Button HT360 Datasheet HTML 38Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 39Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 40Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 41Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 42Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 43Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 44Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 45Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 46Page - Qingdao Hantek Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
Attached table
EN
HT360 series user manual
Copyright©Qingdao Hantek Electronics Co.,LTD
34
depth
When the
hardness is
800HV
Indentation
diameter
Indentation
depth
0.35mm
10μm
0.35mm
10μm
0.35mm
7 μm
--
--
0.35mm
10 μm
Applicable Scope of impact
device
Type DC
type for
hole or
cylinder;
Type DL
for slot or
hole
Type
D+15 for
groove
or
concave
surface
Type C
for light
and thin
parts
and
hardene
d
surface.
Type G
for heavy
and rough
castings
and
forgings
Type E for
material
with
extremely
high
hardness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com