| Electronic Components Datasheet Search |
|
HT360 Datasheet(PDF) 25 Page - Qingdao Hantek Electronic Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
HT360 Datasheet(HTML) 25 Page - Qingdao Hantek Electronic Co., Ltd. |
|
25 / 46 page ![]() Quick Start EN Copyright©Qingdao Hantek Electronics Co.,LTD HT360 series user manual 17 Press this key to return to the main interface. 5 Hardness scale key Switch the hardness system, including Leeb (HL), Brinell (HB), Rockwell B (HRB), Rockwell C (HRC), Rockwell A (HRA), Vickers (HV) and Shore (HS). 6 Impact direction key Switch the direction of impact. 7 Power key Press the key when the machine is turned off, and the instrument will be turned on; Press the key when the machine is turned on, and the instrument will be turned off. 8 Printing shortcut key Quickly print the current measurement. 9 Direction key Used to move cursor position and change settings. 10 Esc When printing multiple groups of data, printing can be stopped before completed. 11 Measurement times key Change the number of measurements from 1 to 32. 12 Delete key During the measurement, press this key to delete the current measurement value. 13 Confirm key 14 Next Page In the main interface, press this key to turn to the next page. 15 Save key When automatic storage is closed, after measuring a group of data, press this button to save the current measured value. If the current data has not been measured, it cannot be saved. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |