Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS82C88 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CS82C88
Description  CMOS Bus Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C88 Datasheet(HTML) 1 Page - Intersil Corporation

  CS82C88 Datasheet HTML 1Page - Intersil Corporation CS82C88 Datasheet HTML 2Page - Intersil Corporation CS82C88 Datasheet HTML 3Page - Intersil Corporation CS82C88 Datasheet HTML 4Page - Intersil Corporation CS82C88 Datasheet HTML 5Page - Intersil Corporation CS82C88 Datasheet HTML 6Page - Intersil Corporation CS82C88 Datasheet HTML 7Page - Intersil Corporation CS82C88 Datasheet HTML 8Page - Intersil Corporation CS82C88 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
82C88
CMOS Bus Controller
The Intersil 82C88 is a high performance CMOS Bus
Controller manufactured using a self-aligned silicon gate
CMOS process (Scaled SAJI IV). The 82C88 provides the
control and command timing signals for 80C86, 80C88,
8086, 8088, 8089, 80186, and 80188 based systems. The
high output drive capability of the 82C88 eliminates the need
for additional bus drivers.
Static CMOS circuit design insures low operating power. The
Intersil advanced SAJI process results in performance equal
to or greater than existing equivalent products at a significant
power savings.
Pinouts
20 LD PDIP, CERDIP
TOP VIEW
20 LD PLCC, CLCC
TOP VIEW
Features
• Compatible with Bipolar 8288
• Performance Compatible with:
- 80C86/80C88 . . . . . . . . . . . . . . . . . . . . . . . . . (5/8MHz)
- 80186/80188. . . . . . . . . . . . . . . . . . . . . . . . . . (6/8MHz)
- 8086/8088. . . . . . . . . . . . . . . . . . . . . . . . . . . . (5/8MHz)
-8089
• Provides Advanced Commands for Multi-Master Busses
• Three-State Command Outputs
• Bipolar Drive Capability
• Scaled SAJI IV CMOS Process
• Single 5V Power Supply
• Low Power Operation
- ICCSB. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10
µA (Max)
- ICCOP . . . . . . . . . . . . . . . . . . . . . . . . . 1mA/MHz (Max)
• Operating Temperature Ranges
- C82C88 . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
- I82C88 . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
- M82C88 . . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
• Pb-Free Plus Anneal Available (RoHS Compliant)
11
12
13
14
15
16
17
18
19
20
10
9
8
7
6
5
4
3
2
1
IOB
CLK
ALE
GND
DT/ R
AEN
MRDC
AMWC
MWTC
S1
VCC
MCE/PDEN
DEN
CEN
IORC
AIOWC
IOWC
INTA
S0
S2
4
5
6
7
8
910
11
12
13
321
20
19
15
14
18
17
16
ALE
DT/ R
AEN
MRDC
AMWC
DEN
CEN
MCE/PDEN
INTA
S2
Ordering Information
PART
NUMBER
PART
MARKING
PACKAGE
TEMP
RANGE
(°C)
PKG.
DWG. #
CP82C88
CP82C88
20 Ld PDIP
0 to +70
E20.3
CP82C88Z
(Note)
CP82C88Z
20 Ld PDIP
(Pb-free)
0 to +70
E20.3
CP82C88-10 CP82C88-10 20 Ld PDIP
0 to +70
E20.3
IP82C88
IP82C88
-40 to +85 E20.3
CS82C88
CS82C88
20 Ld PLCC
0 to +70
N20.35
IS82C88
IS82C88
-40 to +85 N20.35
CD82C88
CD82C88
20 Ld
CERDIP
0 to +70
F20.3
ID82C88
ID82C88
-40 to +85 F20.3
MD82C88/B
MD82C88/B
-55 to +125 F20.3
8406901RA
8406901RA
SMD#
F20.3
MR82C88/B
MR82C88/B 20 Pad CLCC -55 to +125 J20.A
84069012A
84069012A
SMD#
J20.A
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Data Sheet
FN2979.2
August 25, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2002, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - CS82C88

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CS82C88 INTERSIL-CS82C88 Datasheet
129Kb / 10P
CMOS Bus Controller
March 1997
logo
Renesas Technology Corp
CS82C88 RENESAS-CS82C88 Datasheet
612Kb / 12P
CMOS Bus Controller
More results

Similar Description - CS82C88

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM82C88-2RS OKI-MSM82C88-2RS Datasheet
667Kb / 10P
BUS CONTROLLER
logo
Intersil Corporation
82C88 INTERSIL-82C88 Datasheet
129Kb / 10P
CMOS Bus Controller
March 1997
logo
Mitel Networks Corporat...
MT8952B-1 MITEL-MT8952B-1 Datasheet
170Kb / 27P
ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT8952B MITEL-MT8952B Datasheet
397Kb / 22P
ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT9079 MITEL-MT9079 Datasheet
567Kb / 54P
CMOS ST-BUS??FAMILY Advanced Controller for E1
logo
NEC
UPD71088 NEC-UPD71088 Datasheet
281Kb / 7P
System Bus Controller
logo
Advanced Micro Devices
AMD-766 AMD-AMD-766 Datasheet
568Kb / 96P
Peripheral Bus Controller
logo
Renesas Technology Corp
M66011FP RENESAS-M66011FP Datasheet
2Mb / 13P
SERIAL BUS CONTROLLER
logo
Texas Instruments
SN75C091A TI1-SN75C091A Datasheet
591Kb / 106P
SCSI Bus Controller
logo
Renesas Technology Corp
82C88 RENESAS-82C88 Datasheet
612Kb / 12P
CMOS Bus Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com