Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMD29 Datasheet(PDF) 4 Page - Rohm

Part # EMD29
Description  General purpose transistor (isolated transistors)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMD29 Datasheet(HTML) 4 Page - Rohm

  EMD29 Datasheet HTML 1Page - Rohm EMD29 Datasheet HTML 2Page - Rohm EMD29 Datasheet HTML 3Page - Rohm EMD29 Datasheet HTML 4Page - Rohm EMD29 Datasheet HTML 5Page - Rohm EMD29 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EMD29
Transistors
Rev.A
4/5
Electrical characteristic curves
DTr1
1
10
100
1000
00.5
11.5
INPUT VOLTAGE : VI(off) [ V ]
VCC = 5[V]
[ at -40℃ ]
[ at 25℃ ]
[ at 100℃ ]
Fig.1 Output current vs. input voltage
(OFF characteristics)
0.1
1
10
100
1
10
100
1000
OUTPUT CURRENT : IO [mA]
VO =0.2V
0.1
1
10
100
1
10
100
1000
OUTPUT CURRENT : IO [mA]
VO = 0.3V
[ at -40℃ ]
[ at 25℃ ]
[ at 100℃ ]
[ at -40℃ ]
[ at 25℃ ]
[ at 100℃ ]
Fig.2 Input voltage vs. output current
(ON characteristics) I
Fig3 Input voltage vs. output current
(ON characteristics) II
0.01
0.10
1.00
1
10
100
1000
OUTPUT CURRENT : IO [mA]
IO/II = 20/1
0.01
0.10
1.00
1
10
100
1000
OUTPUT CURRENT : Io [mA]
IO/II = 50/1
[ at -40℃ ]
[ at 25℃ ]
[ at 100℃ ]
[ at -40℃ ]
[ at 25℃ ]
[ at 100℃ ]
Fig.4 Output voltage vs. output current I
Fig.5 Output voltage vs. output current II
1
10
100
1000
1
10
100
1000
OUTPUT CURRENT : IO [mA]
[ at -40℃ ]
[ at 25℃ ]
[ at 100℃ ]
Vo = 5[V]
Fig.6 DC current gain vs. output curren



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com