Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMD29 Datasheet(PDF) 1 Page - Rohm

Part # EMD29
Description  General purpose transistor (isolated transistors)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMD29 Datasheet(HTML) 1 Page - Rohm

  EMD29 Datasheet HTML 1Page - Rohm EMD29 Datasheet HTML 2Page - Rohm EMD29 Datasheet HTML 3Page - Rohm EMD29 Datasheet HTML 4Page - Rohm EMD29 Datasheet HTML 5Page - Rohm EMD29 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EMD29
Transistors
Rev.A
1/5
General purpose transistor
(isolated transistors)
EMD29
DTB513Z
and DTC114E
A are housed independently in a EMT6 package.
Applications
DC / DC converter
Motor driver
Features
1) DTr1 : PNP digital transistor
DTr2 : NPN digital transistor
2) Mounting possible with EMT3 automatic mounting
machines.
Structure
PNP / NPN Silicon epitaxial planar digital transistor
The following characteristics apply to both DTr1 and
DTr2.
External dimensions (Unit : mm)
Abbreviated symbol : D29
Each lead has same dimensions
ROHM : EMT6
EMT6
0.22
(1) (2)
(5)
(3)
(6)
(4)
0.13
0.5
0.5
0.5
1.0
1.6
1pin mark
Equivalent circuit
EMD29
DTr2
DTr1
(3)
(2)
(1)
(4)
(5)
(6)
R1
R1
R2
R2
DTr1 : R1/R2 =1k
Ω/10kΩ
DTr2 : R1/R2 =10k
Ω/10kΩ
Packaging specifications
Type
EMD29
EMT6
D29
T2R
8000
Package
Marking
Code
Basic ordering unit (pieces)


Similar Part No. - EMD29

ManufacturerPart #DatasheetDescription
logo
Rohm
EMD29 ROHM-EMD29 Datasheet
183Kb / 6P
General purpose transistor (isolated transistors)
EMD29 ROHM-EMD29 Datasheet
127Kb / 6P
General purpose transistor (isolated transistors)
EMD29 ROHM-EMD29 Datasheet
1Mb / 11P
General purpose (dual digital transistor)
EMD29T2R ROHM-EMD29T2R Datasheet
360Kb / 7P
Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMD29 ROHM-EMD29_08 Datasheet
127Kb / 6P
General purpose transistor (isolated transistors)
More results

Similar Description - EMD29

ManufacturerPart #DatasheetDescription
logo
Rohm
IMX25 ROHM-IMX25 Datasheet
89Kb / 5P
General purpose transistor (isolated dual transistors)
EMD28 ROHM-EMD28 Datasheet
186Kb / 6P
General purpose transistor (isolated transistors)
EMD29 ROHM-EMD29 Datasheet
183Kb / 6P
General purpose transistor (isolated transistors)
EMD30 ROHM-EMD30 Datasheet
192Kb / 6P
General purpose transistor (isolated transistors)
EMD30 ROHM-EMD30_1 Datasheet
175Kb / 6P
General purpose transistor (isolated transistors)
EMD29 ROHM-EMD29_08 Datasheet
127Kb / 6P
General purpose transistor (isolated transistors)
EMD30 ROHM-EMD30_08 Datasheet
129Kb / 6P
General purpose transistor (isolated transistors)
IMT1AT110 ROHM-IMT1AT110 Datasheet
80Kb / 4P
General Purpose Transistor (Isolated Dual Transistors)
IMX9T110 ROHM-IMX9T110 Datasheet
52Kb / 4P
General purpose transistor (isolated dual transistors)
IMX25T110 ROHM-IMX25T110 Datasheet
117Kb / 4P
General purpose transistor (isolated dual transistors)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com