Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTRM800/EED Datasheet(PDF) 13 Page - NXP Semiconductors

Part # HTRM800/EED
Description  HITAG long range reader module hardware
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HTRM800/EED Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button HTRM800/EED Datasheet HTML 9Page - NXP Semiconductors HTRM800/EED Datasheet HTML 10Page - NXP Semiconductors HTRM800/EED Datasheet HTML 11Page - NXP Semiconductors HTRM800/EED Datasheet HTML 12Page - NXP Semiconductors HTRM800/EED Datasheet HTML 13Page - NXP Semiconductors HTRM800/EED Datasheet HTML 14Page - NXP Semiconductors HTRM800/EED Datasheet HTML 15Page - NXP Semiconductors HTRM800/EED Datasheet HTML 16Page - NXP Semiconductors HTRM800/EED Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
2001 Oct 04
13
Philips Semiconductors
Product specification
HITAG long range reader module
hardware
HTRM800 family
10.4
Possible sources of errors by connecting the
HTRM800
The following error list should be checked if any error
(e.g. read or write distances that do not reach the specified
values) occurs:
• Power supply cable not mounted correctly
• Power supply voltage not in the specified range
• Serial interface not connected correctly
• Interference received by the antenna because of an
external noise source (e.g. monitor, keyboards); the
remedial measure is to remove the antenna from the
interfering area and use the command StartFFT
• Connecting cables of the antenna changed by mistake
• Antenna is mounted in metal environment; the remedial
measure is to mount a non-metal space keeper between
the antenna and the metal
• Antenna is not designed following the antenna design
instructions
• Inductance of the antenna is not in the specified range
• Quality factor of the antenna is not in the specified
range.
10.5
Building HITAG long range antennas
10.5.1
BASICS
The exact way how to design a HITAG long range antenna
is described in application note
“Antenna Design for the
HITAG Long Range System”.
The antenna is an important part of the HITAG long range
system. The antenna must provide energy and data
transmission between the reader module and transponder.
Therefore, you should be particularly careful when
implementing the antenna in order to achieve optimum
results.
The equivalent circuit of the antenna is shown in Fig.6.
The requirements of the antenna coil are:
• Quality factor: Q = 30 to 60
where
Xs = effective series reactance
Rs = effective series resistance
• Inductance: L = 400 to 1200 µH.
Q
X
s
R
s
------
=
handbook, full pagewidth
VOLTAGE
LIMITER
coax cable
MGU421
antenna
Vo
C
Rs
Xs
HTRM800
Fig.6 Basics of the long range antenna.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com