Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83C694D Datasheet(PDF) 21 Page - SMSC Corporation

Part # 83C694D
Description  Twisted-Pair Interface and Manchester Encoder/Decoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

83C694D Datasheet(HTML) 21 Page - SMSC Corporation

Back Button 83C694D Datasheet HTML 17Page - SMSC Corporation 83C694D Datasheet HTML 18Page - SMSC Corporation 83C694D Datasheet HTML 19Page - SMSC Corporation 83C694D Datasheet HTML 20Page - SMSC Corporation 83C694D Datasheet HTML 21Page - SMSC Corporation 83C694D Datasheet HTML 22Page - SMSC Corporation 83C694D Datasheet HTML 23Page - SMSC Corporation 83C694D Datasheet HTML 24Page - SMSC Corporation 83C694D Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
5.0
AC OPERATING CHARACTERISTICS
Ta = 0°C (32°F) to 70°C (158°F)
Vcc = 5V
± 5%
NOTE
All typical values are given for Vcc = 5V and Ta = 25°C (77°F).
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
Oscillator Specification
tXTH
X1 rising edge to Transmit Clock High
8
25
nsec
tXTL
X1 rising edge to Transmit Clock Low
8
25
nsec
Transmit Specification
tTCD
Transmit Clock Duty Cycle at 50% (10 MHz)
42
50
58
%
tTCR
Transmit Clock Rise Time (20 to 80%)
8
nsec
tTCF
Transmit Clock Fall Time (20 to 80%)
8
nsec
tTDS
Transmit Data Setup Time to Transmit Clock Rising
Edge
20
nsec
tTDH
Transmit Data Hold Time from Transmit Clock
Rising Edge
0
nsec
tTES
Transmit Enable Setup Time to Transmit Clock
Rising Edge
20
nsec
tTEH
Transmit Enable Hold Time from Transmit Clock
Rising Edge
0
nsec
tTOD
Transmit Output Delay from Transmit Clock Rising
Edge
60
nsec
tTOR
Transmit Output Rise Time (20% to 80%) (TX
±)
8
nsec
Transmit Output Rise Time (TPX
±)
4.5
nsec
tTOF
Transmit Output Fall Time (80% to 20%) (TX
±)
8
nsec
Transmit Output Fall Time (TPX
±)
4.5
nsec
tTOJ
Transmit Output Jitter (TX
±)–
±0.25
nsec
tTOH
Transmit Output High before Idle in Half Step Mode 200
nsec
tTOI
Transmit Output Idle Time in Half Step Mode
350
nsec
tLTPW
Link Test Pulse Width
100
nsec
Receive Specification
tRCD
Receive Clock Duty Cycle at 50% (10 MHz)
40
50
60
%
tRCR
Receive Clock Rise Time (20% to 80%)
8
nsec
tRCF
Receive Clock Fall Time (20% to 80%)
8
nsec
tRDR
Receive Data Rise Time (20% to 80%)
8
nsec
tRDF
Receive Data Fall Time (80% to 20%)
8
nsec
tRDS
Receive Data Stable from Receive Clock
Rising Edge
±40
nsec
tCSON
Carrier Sense Turn on Delay (AUI)
60
nsec
Carrier Sense Turn on Delay (TP)
300
nsec
tCSOFF
Carrier Sense Turn off Delay (AUI)
160
nsec
Carrier Sense Turn off Delay (TP)
160
nsec
83C694D
AC OPERATING CHARACTERISTICS
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com