Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83C694D Datasheet(PDF) 7 Page - SMSC Corporation

Part # 83C694D
Description  Twisted-Pair Interface and Manchester Encoder/Decoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

83C694D Datasheet(HTML) 7 Page - SMSC Corporation

Back Button 83C694D Datasheet HTML 3Page - SMSC Corporation 83C694D Datasheet HTML 4Page - SMSC Corporation 83C694D Datasheet HTML 5Page - SMSC Corporation 83C694D Datasheet HTML 6Page - SMSC Corporation 83C694D Datasheet HTML 7Page - SMSC Corporation 83C694D Datasheet HTML 8Page - SMSC Corporation 83C694D Datasheet HTML 9Page - SMSC Corporation 83C694D Datasheet HTML 10Page - SMSC Corporation 83C694D Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
2.0
ARCHITECTURE
The 83C694D can be used as an AUI device or as
a twisted-pair interface device.
When used in combination TPI/AUI applications,
the 83C694D is part of a three-device set that
implements the complete IEEE 802.3-compatible
network node electronics (see Figure 1-1).
The 83C690 Ethernet LAN Controller (ELC) and the
83B692 Ethernet Transceiver (ET) comprise the
other two devices in the set. The 83C690 provides
media access protocol functions and performs buff-
er management tasks, while the 83B692 serves as
a coaxial cable line driver/receiver and collision
detector.
The 83C694D Twisted-Pair Interface provides the
interface between the 83C690 ELC and the 83B692
ET. When transmitting, the device converts non-re-
turn-to-zero (NRZ) data from the controller into
Manchester encoded data, then sends this data to
the transceiver.
When receiving, the device reverses the process
using an analog phase-locked loop that decodes 10
Mbit/sec signals with up to
±20 nsec of jitter.
When the 83C694D is used as a twisted-pair (TP)
interface, its on-chip transmitter and receiver (sepa-
rate from the AUI inputs and outputs) connect to the
network through a transformer and filter. In this
application, the 83C694D is used with the 83C690
providing controller and protocol functions, and the
83B692 is not used.
The 83C694D Twisted-Pair Interface is comprised
of these functional blocks:
Oscillator
Manchester Encoder and Differential Driver
Manchester Decoder
Collision Translator
Loopback Capabilities
TP Differential Driver
TP Differential Receiver
Link Test Function
AUI / TP Autoselect
Jabber & SQE Test Functions
Status Indications
The rest of this section describes each of these
circuits in more detail, including suggestions, where
appropriate, for designing external circuits consis-
tent with the 802.3 standard.
2.1
OSCILLATOR
Control is provided either by a 20 MHz, parallel
resonant crystal connected between X1 and X2, or
by an external clock connected at X1. The oscilla-
tor’s 20 MHz output is divided in half to generate
the 10 MHz transmit clock for the Ethernet LAN
controller and to provide the internal clock signals
for the encoding and decoding circuits.
Figure 2-1 provides a diagram of this connection.
20 MHz
X1
X2
CL - CP
CL = Load capacitance specified by crystal manufacturer
CP = Total parasitic capacitance including:
a) 83C694C input capacitance between X1 and X2
(typically 5 pF)
b) PC board traces, plated through holes, socket capacitances
FIGURE 2-1. CRYSTAL CONNECTION
DIAGRAM
83C694D
ARCHITECTURE
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com