Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C95 Datasheet(PDF) 70 Page - SMSC Corporation

Part # LAN91C95
Description  ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C95 Datasheet(HTML) 70 Page - SMSC Corporation

Back Button LAN91C95 Datasheet HTML 66Page - SMSC Corporation LAN91C95 Datasheet HTML 67Page - SMSC Corporation LAN91C95 Datasheet HTML 68Page - SMSC Corporation LAN91C95 Datasheet HTML 69Page - SMSC Corporation LAN91C95 Datasheet HTML 70Page - SMSC Corporation LAN91C95 Datasheet HTML 71Page - SMSC Corporation LAN91C95 Datasheet HTML 72Page - SMSC Corporation LAN91C95 Datasheet HTML 73Page - SMSC Corporation LAN91C95 Datasheet HTML 74Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 144 page
background image
70
I/O SPACE - BANK2
OFFSET
NAME
TYPE
SYMBOL
0
MMU COMMAND REGISTER
WRITE ONLY
BUSY Bit Readable
MMUCR
This register is used by the CPU to control the memory allocation, de-allocation, TX FIFO and RX FIFO
control. The three command bits determine the command issued as described below:
HIGH
BYTE
LOW
BYTE
COMMAND
0
0
N2
N1
N0/BUSY
x
y
z
0
COMMAND SET:
xyz
000
0)
NOOP - NO OPERATION
001
1)
ALLOCATE MEMORY FOR TX - N2,N1,N0 defines the amount of memory requested as (value
+ 1) * 256 bytes. Namely N2,N1,N0 = 1 will request 2 * 256 = 512 bytes. Valid range for
N2,N1,N0 is 0 through 5. A shift-based divide by 256 of the packet length yields the appropriate
value to be used as N2,N1,N0. Immediately generates a completion code at the ALLOCATION
RESULT REGISTER. Can optionally generate an interrupt on successful completion. The
allocation time can take worst case (N2, N1, N0 + 2) * 200ns.
010
2)
RESET MMU TO INITIAL STATE - Frees all memory allocations, clears relevant interrupts,
resets packet FIFO pointers.
011
3)
REMOVE FRAME FROM TOP OF RX FIFO - To be issued after CPU has completed
processing of present receive frame. This command removes the receive packet number from
the RX FIFO and brings the next receive frame (if any) to the RX area (output of RX FIFO).
100
4)
REMOVE AND RELEASE TOP OF RX FIFO - Like 3) but also releases all memory used by
the packet presently at the RX FIFO output.
101
5)
RELEASE SPECIFIC PACKET - Frees all pages allocated to the packet specified in the
PACKET NUMBER REGISTER. Should not be used for frames pending transmission.
Typically used to remove transmitted frames, after reading their completion status. Can be
used following 3) to release receive packet memory in a more flexible way than 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com