Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C95 Datasheet(PDF) 73 Page - SMSC Corporation

Part # LAN91C95
Description  ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C95 Datasheet(HTML) 73 Page - SMSC Corporation

Back Button LAN91C95 Datasheet HTML 69Page - SMSC Corporation LAN91C95 Datasheet HTML 70Page - SMSC Corporation LAN91C95 Datasheet HTML 71Page - SMSC Corporation LAN91C95 Datasheet HTML 72Page - SMSC Corporation LAN91C95 Datasheet HTML 73Page - SMSC Corporation LAN91C95 Datasheet HTML 74Page - SMSC Corporation LAN91C95 Datasheet HTML 75Page - SMSC Corporation LAN91C95 Datasheet HTML 76Page - SMSC Corporation LAN91C95 Datasheet HTML 77Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 144 page
background image
73
I/O SPACE - BANK2
OFFSET
NAME
TYPE
SYMBOL
4
FIFO PORTS REGISTER
READ ONLY
FIFO
This register provides access to the read ports of the Receive FIFO and the Transmit completion FIFO. The
packet numbers to be processed by the interrupt service routines are read from this register.
HIGH
BYTE
REMPTY
RX FIFO PACKET NUMBER
1
0
0
0
0
0
0
0
LOW
BYTE
TEMPTY
TX DONE PACKET NUMBER
1
0
0
0
0
0
0
0
REMPTY - No receive packets queued in the RX
FIFO. For polling purposes, uses the RCV_INT bit
in the Interrupt Status Register.
TOP OF RX FIFO PACKET NUMBER - Packet
number presently at the output of the RX FIFO.
Only valid if REMPTY is clear. The packet is
removed
from
the
RX
FIFO
using
MMU
Commands 3) or 4).
TEMPTY - No transmit packets in completion
queue. For polling purposes, uses the TX_INT bit in
the Interrupt Status Register.
TX DONE PACKET NUMBER - Packet number
presently at the output of the TX Completion FIFO.
Only valid if TEMPTY is clear. The packet is
removed when a TX INT acknowledge is issued.
NOTE: For software compatibility with future
versions, the value read from each FIFO register is
intended to be written into the PNR as is, without
masking higher bits (provided TEMPTY and
REMPTY = 0 respectively).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com