Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C100FD Datasheet(PDF) 57 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST Fast Ethernet Controller with Full Duplex Capability
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 57 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 53Page - SMSC Corporation LAN91C100FD Datasheet HTML 54Page - SMSC Corporation LAN91C100FD Datasheet HTML 55Page - SMSC Corporation LAN91C100FD Datasheet HTML 56Page - SMSC Corporation LAN91C100FD Datasheet HTML 57Page - SMSC Corporation LAN91C100FD Datasheet HTML 58Page - SMSC Corporation LAN91C100FD Datasheet HTML 59Page - SMSC Corporation LAN91C100FD Datasheet HTML 60Page - SMSC Corporation LAN91C100FD Datasheet HTML 61Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
SMSC DS – LAN91C100FD REV. B
Page 57
Rev. 01-20-06
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
O4 Type Buffer
Low Output Level
High Output Level
Output Leakage
V
OL
V
OH
I
OL
2.4
-10
0.4
+10
V
V
µA
I
OL
= 4 mA
I
OH
= -2 mA
V
IN
= 0 to V
CC
I/O4 Type Buffer
Low Output Level
High Output Level
Output Leakage
V
OL
V
OH
I
OL
2.4
-10
0.4
+10
V
V
µA
I
OL
= 4 mA
I
OH
= -2 mA
V
IN
= 0 to V
CC
O12 Type Buffer
Low Output Level
High Output Level
Output Leakage
V
OL
V
OH
I
OL
2.4
-10
0.5
+10
V
V
µA
I
OL
= 12 mA
I
OH
= -6 mA
V
IN
= 0 to V
CC
O16 Type Buffer
Low Output Level
High Output Level
Output Leakage
V
OL
V
OH
I
OL
2.4
-10
0.5
+10
V
V
µA
I
OL
= 16 mA
I
OH
= -8 mA
V
IN
= 0 to V
CC
OD16 Type Buffer
Low Output Level
Output Leakage
V
OL
I
OL
-10
0.5
+10
V
µA
I
OL
= 16 mA
V
IN
= 0 to V
CC
O24 Type Buffer
Low Output Level
High Output Level
Output Leakage
V
OL
V
OH
I
OL
2.4
-10
0.5
+10
V
V
µA
I
OL
= 24 mA
I
OH
= -12 mA
V
IN
= 0 to V
CC
I/O24 Type Buffer
Low Output Level
High Output Level
Output Leakage
V
OL
V
OH
I
OL
2.4
-10
0.5
+10
V
V
µA
I
OL
= 24 mA
I
OH
= -12 mA
V
IN
= 0 to V
CC
Supply Current Active
Supply Current Standby
I
CC
I
CSBY
60
8
95
mA
mA
All Outputs Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com