Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C100FD Datasheet(PDF) 61 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST Fast Ethernet Controller with Full Duplex Capability
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 61 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 57Page - SMSC Corporation LAN91C100FD Datasheet HTML 58Page - SMSC Corporation LAN91C100FD Datasheet HTML 59Page - SMSC Corporation LAN91C100FD Datasheet HTML 60Page - SMSC Corporation LAN91C100FD Datasheet HTML 61Page - SMSC Corporation LAN91C100FD Datasheet HTML 62Page - SMSC Corporation LAN91C100FD Datasheet HTML 63Page - SMSC Corporation LAN91C100FD Datasheet HTML 64Page - SMSC Corporation LAN91C100FD Datasheet HTML 65Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 67 page
background image
SMSC DS – LAN91C100FD REV. B
Page 61
Rev. 01-20-06
FIGURE 19 - BURST WRITE CYCLES - nVLBUS=1
PARAMETER
MIN
TYP
MAX
UNITS
t12
nDATACS Setup to Either nCYCLE or W/nR Falling
60
ns
t13
nDATACS Hold after Either nCYCLE or W/nR Rising
30
ns
t14
nRDYRTN Setup to LCLK Falling
15
ns
t15
nRDYRTN Hold after LCLK Falling
2
ns
t17
nCYCLE High and W/nR High Overlap
50
ns
t18
Data Setup to LCLK Rising (Write)
13
ns
t20
Data Hold from LCLK Rising (Write)
5
ns
FIGURE 20 - BURST READ CYCLES - nVLBUS=1
PARAMETER
MIN
TYP
MAX
UNITS
t12
nDATACS Setup to Either nCYCLE or W/nR Falling
60
ns
t13
nDATACS Hold after Either nCYCLE or W/nR Rising
30
ns
t14
nRDYRTN Setup to LCLK Falling
15
ns
t15
nRDYRTN Hold after LCLK Falling
2
ns
t17
nCYCLE High and W/nR High Overlap
50
ns
t19
Data Delay from LCLK Rising (Read)
5*
38**
ns
Note *: (holdt.)
Note **: (Setupt.)
t12
t18
t20
t14
t15
t13
t17
t17
a
b
c
LCLK
nDATACS
W/nR
nCYCLE
WRITE DATA
nRDYRTN
t12
t14
t15
t13
t17
t19
t17
c
ab
LCLK
nDATACS
W/nR
READ DATA
nRDYRTN
nCYCLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com