Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8405A Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS8405A
Description  96 kHz Digital Audio Interface Transmitter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8405A Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS8405A Datasheet HTML 9Page - Cirrus Logic CS8405A Datasheet HTML 10Page - Cirrus Logic CS8405A Datasheet HTML 11Page - Cirrus Logic CS8405A Datasheet HTML 12Page - Cirrus Logic CS8405A Datasheet HTML 13Page - Cirrus Logic CS8405A Datasheet HTML 14Page - Cirrus Logic CS8405A Datasheet HTML 15Page - Cirrus Logic CS8405A Datasheet HTML 16Page - Cirrus Logic CS8405A Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
CS8405A
DS469F2
13
5. AES3 TRANSMITTER
The CS8405A includes an AES3 digital audio
transmitter. A comprehensive buffering scheme
provides write access to the channel status and
user data. This buffering scheme is described in
“Appendix B: Channel Status and User Data Buffer
Management” on page 35.
The AES3 transmitter encodes and transmits au-
dio and digital data according to the AES3,
IEC60958 (S/PDIF), and EIAJ CP-1201 interface
standards. Audio and control data are multiplexed
together and bi-phase mark encoded. The result-
ing bit stream is driven to an output connector ei-
ther directly or through a transformer. The
transmitter is clocked from the clock input pin,
OM-K. If OMCK is asynchronous to the data
source, an interrupt bit (TSLIP) is provided that will
go high every time a data sample is dropped or re-
peated. Be aware that the pattern of slips does not
have hysteresis and so the occurrence of the inter-
rupt condition is not deterministic.
The channel status (C) and user (U) bits in the
transmitted data stream are taken from storage ar-
eas within the CS8405A. The user can manually
access the internal storage or configure the
CS8405A to run in one of several automatic
modes. “Appendix B: Channel Status and User
Data Buffer Management” on page 35 provides de-
tailed descriptions of each automatic mode and de-
scribes methods of manually accessing the
storage areas. The transmitted user bit data can
optionally be input through the U pin, under the
control of a control port register bit. Figure 7 shows
the timing requirements for inputting U data
through the U pin.
5.1
Transmitted Frame and Channel
Status Boundary Timing
The TCBL pin is used to control or indicate the start
of transmitted channel status block boundaries and
may be an input or an output.
In some applications, it may be necessary to con-
trol the precise timing of the transmitted AES3
frame boundaries. This may be achieved in two
ways:
a) With TCBL set to input, driving TCBL high for >3
OMCK clocks will cause a frame start, as well as a
new channel status block start.
b) If the serial audio input port is in slave mode and
TCBL is set to output, the start of the A channel
sub-frame will be aligned with the leading edge of
ILRCK.
5.2
TXN and TXP Drivers
The line drivers are low skew, low impedance, dif-
ferential outputs capable of driving cables directly.
Both drivers are set to ground during reset (RST =
low), when no AES3 transmit clock is provided,
and optionally under the control of a register bit.
The CS8405A also allows immediate muting of the
AES3 transmitter audio data through a control reg-
ister bit.
External components are used to terminate and
isolate the external cable from the CS8405A.
These components are detailed in “Appendix A:
External AES3/SPDIF/IEC60958 Transmitter and
Receiver Components” on page 34.
5.3
Mono Mode Operation
An AES3 stream may be used in more than one
way to transmit 96 kHz sample rate data. One
method is to double the frame rate of the current
format. This results in a stereo signal with a sample
rate of 96 kHz, carried over a single twisted pair
cable. An alternate method is implemented using
the two sub-frames in a 48 kHz frame rate AES3
signal to carry consecutive samples of a mono sig-
nal, resulting in a 96 kHz sample rate stream. This
allows older equipment, whose AES3 transmitters
and receivers are not rated for 96 kHz frame rate
operation, to handle 96 kHz sample rate informa-
tion. In this “mono mode”, two AES3 cables are
needed for stereo data transfer. The CS8405A of-
fers mono mode operation. The CS8405A is set to
mono mode by the MMT control bit.
In mono mode, the input port will run at the audio
sample rate (Fs), while the AES3 transmitter frame
rate will be at Fs/2. Consecutive left or right chan-
nel serial audio data samples may be selected for
transmission on the A and B sub-frames, and the
channel status block transmitted is also selectable.
Using mono mode is only necessary if the incom-
ing audio sample rate is already at 96 kHz and
contains both left and right audio data words. The
“mono mode” AES3 output stream may also be
achieved by keeping the CS8405A in normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com