Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8405A Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS8405A
Description  96 kHz Digital Audio Interface Transmitter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8405A Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS8405A Datasheet HTML 17Page - Cirrus Logic CS8405A Datasheet HTML 18Page - Cirrus Logic CS8405A Datasheet HTML 19Page - Cirrus Logic CS8405A Datasheet HTML 20Page - Cirrus Logic CS8405A Datasheet HTML 21Page - Cirrus Logic CS8405A Datasheet HTML 22Page - Cirrus Logic CS8405A Datasheet HTML 23Page - Cirrus Logic CS8405A Datasheet HTML 24Page - Cirrus Logic CS8405A Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
CS8405A
DS469F2
21
8.6
Interrupt 1 Status (07h) (Read Only)
For all bits in this register, a “1” means the associated interrupt condition has occurred at least once
since the register was last read. A ”0” means the associated interrupt condition has NOT occurred
since the last reading of the register. Reading the register resets all bits to 0, unless the interrupt mode
is set to level and the interrupt source is still true. Status bits that are masked off in the associated
mask register will always be “0” in this register. This register defaults to 00h.
TSLIP - AES3 transmitter source data slip interrupt
In data flows where OMCK, which clocks the AES3 transmitter, is asynchronous to the data source,
this bit will go high every time a data sample is dropped or repeated. When TCBL is an input, this bit
will go high on receipt of a new TCBL signal.
EFTC - E to F C-buffer transfer interrupt.
The source for this bit is true during the E to F buffer transfer in the C bit buffer management process.
8.7
Interrupt 2 Status (08h) (Read Only)
For all bits in this register, a “1” means the associated interrupt condition has occurred at least once
since the register was last read. A ”0” means the associated interrupt condition has NOT occurred
since the last reading of the register. Reading the register resets all bits to 0, unless the interrupt mode
is set to level and the interrupt source is still true. Status bits that are masked off in the associated
mask register will always be “0” in this register. This register defaults to 00h.
EFTU - E to F U-buffer transfer interrupt. (Block Mode only)
The source of this bit is true during the E to F buffer transfer in the U bit buffer management process.
8.8
Interrupt 1 Mask (09h)
The bits of this register serve as a mask for the Interrupt 1 register. If a mask bit is set to 1, the error
is unmasked, meaning that its occurrence will affect the INT pin and the status register. If a mask bit
is set to 0, the error is masked, meaning that its occurrence will not affect the INT pin or the status
register. The bit positions align with the corresponding bits in Interrupt 1 register. This register defaults
to 00h.
7
6
5
43210
TSLIP
0
0
000
EFTC
0
7
6
5
43210
00
0
0
0
EFTU
0
0
7
6
5
43210
TSLIPM
0
0
000
EFTCM
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com