Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1122 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # ISP1122
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button ISP1122 Datasheet HTML 28Page - NXP Semiconductors ISP1122 Datasheet HTML 29Page - NXP Semiconductors ISP1122 Datasheet HTML 30Page - NXP Semiconductors ISP1122 Datasheet HTML 31Page - NXP Semiconductors ISP1122 Datasheet HTML 32Page - NXP Semiconductors ISP1122 Datasheet HTML 33Page - NXP Semiconductors ISP1122 Datasheet HTML 34Page - NXP Semiconductors ISP1122 Datasheet HTML 35Page - NXP Semiconductors ISP1122 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Philips Semiconductors
ISP1122
USB stand-alone hub
Product specification
Rev. 03 — 29 March 2000
32 of 48
9397 750 07002
© Philips Electronics N.V. 2000. All rights reserved.
[1]
D
+ is the USB positive data pin (DPn); D− is the USB negative data pin (DMn).
[2]
Includes external resistors of 20
Ω±1% on both D+ and D−.
[3]
This voltage is available at pin Vreg(3.3).
[4]
In ‘suspend’ mode the minimum voltage is 2.7 V.
15. Dynamic characteristics
[1]
Dependent on the crystal oscillator start-up time.
Table 29: Static characteristics: analog I/O pins (D
+, D−) [1]
VCC = 4.0 to 5.5 V; VGND =0V; Tamb = −40 to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input levels
VDI
differential input sensitivity
|V
I(D
+) − VI(D−)|
0.2
-
-
V
VCM
differential common mode
voltage
includes VDI range
0.8
-
2.5
V
VIL
LOW-level input voltage
-
-
0.8
V
VIH
HIGH-level input voltage
2.0
-
-
V
Output levels
VOL
LOW-level output voltage
RL = 1.5 kΩ to +3.6V
-
-
0.3
V
VOH
HIGH-level output voltage
RL =15kΩ to GND
2.8
-
3.6
V
Leakage current
ILZ
OFF-state leakage current
-
-
±10
µA
Capacitance
CIN
transceiver capacitance
pin to GND
-
-
20
pF
Resistance
ZDRV [2]
driver output impedance
steady-state drive
28
-
44
Ω
ZINP
input impedance
10
-
-
M
Ω
Termination
VTERM [3]
termination voltage for
upstream port pull-up (RPU)
3.0 [4]
-
3.6
V
Table 30: Dynamic characteristics
VCC = 4.0 to 5.5 V; VGND =0V; Tamb = −40 to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Reset
tW(RESET)
pulse width on input RESET
crystal oscillator running
10
-
-
µs
crystal oscillator stopped
-
2 [1]
-ms
Crystal oscillator
fXTAL
crystal frequency
-
6
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com