Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1122 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # ISP1122
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button ISP1122 Datasheet HTML 31Page - NXP Semiconductors ISP1122 Datasheet HTML 32Page - NXP Semiconductors ISP1122 Datasheet HTML 33Page - NXP Semiconductors ISP1122 Datasheet HTML 34Page - NXP Semiconductors ISP1122 Datasheet HTML 35Page - NXP Semiconductors ISP1122 Datasheet HTML 36Page - NXP Semiconductors ISP1122 Datasheet HTML 37Page - NXP Semiconductors ISP1122 Datasheet HTML 38Page - NXP Semiconductors ISP1122 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
Philips Semiconductors
ISP1122
USB stand-alone hub
Product specification
Rev. 03 — 29 March 2000
35 of 48
9397 750 07002
© Philips Electronics N.V. 2000. All rights reserved.
TPERIOD is the bit duration corresponding with the USB data rate.
Fig 15. Source differential data jitter.
handbook, full pagewidth
MGR870
TPERIOD
differential
data lines
crossover point
crossover point
crossover point
consecutive
transitions
N
× TPERIOD + tDJ1
paired
transitions
N
× TPERIOD + tDJ2
+3.3 V
0 V
TPERIOD is the bit duration corresponding with the USB data rate.
Full-speed timing symbols have a subscript prefix ‘F’, low-speed timings a prefix ‘L’.
Fig 16. Source differential data-to-EOP transition skew and EOP width.
handbook, full pagewidth
MGR776
TPERIOD
differential
data lines
crossover point
differential data to
SE0/EOP skew
N
× TPERIOD + tDEOP
source EOP width: tEOPT
receiver EOP width: tEOPR
crossover point
extended
+3.3 V
0 V
TPERIOD is the bit duration corresponding with the USB data rate.
Fig 17. Receiver differential data jitter.
handbook, full pagewidth
MGR871
TPERIOD
tJR
differential
data lines
consecutive
transitions
N
× TPERIOD + tJR1
paired
transitions
N
× TPERIOD + tJR2
+3.3 V
0 V
tJR1
tJR2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com