Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1122AD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ISP1122AD
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122AD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button ISP1122AD Datasheet HTML 4Page - NXP Semiconductors ISP1122AD Datasheet HTML 5Page - NXP Semiconductors ISP1122AD Datasheet HTML 6Page - NXP Semiconductors ISP1122AD Datasheet HTML 7Page - NXP Semiconductors ISP1122AD Datasheet HTML 8Page - NXP Semiconductors ISP1122AD Datasheet HTML 9Page - NXP Semiconductors ISP1122AD Datasheet HTML 10Page - NXP Semiconductors ISP1122AD Datasheet HTML 11Page - NXP Semiconductors ISP1122AD Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
Philips Semiconductors
ISP1122A
USB stand-alone hub
Preliminary specification
Rev. 01 — 27 March 2000
8 of 48
9397 750 06986
© Philips Electronics N.V. 2000. All rights reserved.
[1]
Symbol names with an overscore (e.g. NAME) indicate active LOW signals.
[2]
The voltage at pin Vreg(3.3) is gated by the RESET pin. This allows fully self-powered operation by
connecting RESET to VBUS (+5 V USB supply). If VBUS is lost upstream port D+ will not be driven.
[3]
See Table 4 “Mode selection”.
[4]
To disable a downstream port connect both D
+ and D− to VCC via a 1 MΩ resistor; unused ports must
be disabled in reverse order starting from port 5.
[5]
Analog detection circuit can be switched off using an external EEPROM, see Table 23; in this case,
the pin functions as a logic input (TTL level).
[6]
Downstream ports 1 and 2 cannot be disabled.
6.
Functional description
The ISP1122A is a stand-alone USB hub with up to 5 downstream ports. The number
of ports can be configured between 2 and 5. The downstream ports can be used to
connect low-speed or full-speed USB peripherals. All standard USB requests from
the host are handled by the hardware without the need for firmware intervention. The
block diagram is shown in Figure 1.
The ISP1122A requires only a single supply voltage. An internal 3.3 V regulator
provides the supply voltage for the analog USB data transceivers.
The ISP1122A supports both bus-powered and self-powered hub operation. When
using bus-powered operation a downstream port cannot supply more than 100 mA to
a peripheral. In case of self-powered operation an external supply is used to power
the downstream ports, allowing a current consumption of max. 500 mA per port.
A basic I2C-bus interface is provided for reading vendor ID, product ID and
configuration bits from an external EEPROM upon a reset.
6.1 Analog transceivers
The integrated transceiver interfaces directly to the USB cables through external
termination resistors. They are capable of transmitting and receiving serial data at
both ‘full-speed’ (12 Mbit/s) and ‘low-speed’ (1.5 Mbit/s) data rates. The slew rates
are adjusted according to the speed of the device connected and lie within the range
mentioned in the
USB Specification Rev. 1.1.
DM2
26
AI/O
downstream port 2 D
− connection (analog) [6]
DP2
27
AI/O
downstream port 2 D
+ connection (analog) [6]
PSW1/GL1 [3]
28
O
modes 4 to 6: power switch control output for downstream
port 1 (open-drain, 6 mA)
modes 0 to 3, 7: GoodLink LED indicator output for
downstream port 1 (open-drain, 6 mA); to connect an LED
use a 330
Ω series resistor
Table 3:
Pin description for LQFP32…continued
Symbol [1]
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com