Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1122AD Datasheet(PDF) 30 Page - NXP Semiconductors

Part # ISP1122AD
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122AD Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button ISP1122AD Datasheet HTML 26Page - NXP Semiconductors ISP1122AD Datasheet HTML 27Page - NXP Semiconductors ISP1122AD Datasheet HTML 28Page - NXP Semiconductors ISP1122AD Datasheet HTML 29Page - NXP Semiconductors ISP1122AD Datasheet HTML 30Page - NXP Semiconductors ISP1122AD Datasheet HTML 31Page - NXP Semiconductors ISP1122AD Datasheet HTML 32Page - NXP Semiconductors ISP1122AD Datasheet HTML 33Page - NXP Semiconductors ISP1122AD Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
Philips Semiconductors
ISP1122A
USB stand-alone hub
Preliminary specification
Rev. 01 — 27 March 2000
30 of 48
9397 750 06986
© Philips Electronics N.V. 2000. All rights reserved.
13. Limiting values
[1]
Equivalent to discharging a 100 pF capacitor via a 1.5 k
Ω resistor (Human Body Model).
[2]
Values are given for device only; in-circuit Vesd(max) = ±8000 V.
[3]
For open-drain pins Vesd(max) = ±2000 V.
Table 24: Absolute maximum ratings
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+6.0
V
VI
input voltage
−0.5
VCC + 0.5
V
Ilatchup
latchup current
VI < 0 or VI >VCC
-
200
mA
Vesd
electrostatic discharge voltage
ILI <15 µA
[1] [2] -
±4000 [3]
V
Tstg
storage temperature
−60
+150
°C
Ptot
total power dissipation
-
95
mW
Table 25: Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
4.0
5.5
V
VI
input voltage
0
5.5
V
VI(AI/O)
input voltage on analog I/O pins
(D
+/D−)
0
3.6
V
VO(od)
open-drain output pull-up voltage
0
5.5
V
Tamb
operating ambient temperature
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com