Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1107DH Datasheet(PDF) 9 Page - NXP Semiconductors

Part # ISP1107DH
Description  Advanced Universal Serial Bus transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1107DH Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button ISP1107DH Datasheet HTML 5Page - NXP Semiconductors ISP1107DH Datasheet HTML 6Page - NXP Semiconductors ISP1107DH Datasheet HTML 7Page - NXP Semiconductors ISP1107DH Datasheet HTML 8Page - NXP Semiconductors ISP1107DH Datasheet HTML 9Page - NXP Semiconductors ISP1107DH Datasheet HTML 10Page - NXP Semiconductors ISP1107DH Datasheet HTML 11Page - NXP Semiconductors ISP1107DH Datasheet HTML 12Page - NXP Semiconductors ISP1107DH Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
Product data
Rev. 06 — 30 November 2001
9 of 24
9397 750 08872
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
8.
Limiting values
[1]
Equivalent to discharging a 100 pF capacitor via a 1.5 k
Ω resistor (Human Body Model). Refer to EIA/JEDEC Standard specification
EIA/JESD22-A114-A.
Table 10:
Power supply input options
Input option
VCC(5.0)
Vreg(3.3)
VCC(I/O)
Internal
regulator
supply input for internal
regulator
(4.0 to 5.5 V)
voltage reference
output
(3.3 V, 300
µA)
supply input for digital
I/O pins
(1.65 V to 3.6 V)
Regulator
bypass
connected to Vreg(3.3)
with maximum voltage
drop of 0.3 V
(2.7 to 3.6 V)
supply input
(3.0 V to 3.6 V)
supply input for digital
I/O pins
(1.65 V to 3.6 V)
Table 11:
Absolute maximum ratings
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(5.0)
supply voltage
−0.5
+6.0
V
VCC(I/O)
I/O supply voltage
−0.5
+4.6
V
Vreg(3.3)
regulated supply voltage
−0.5
+4.6
V
VI
DC input voltage
−0.5
VCC(I/O) + 0.5
V
Ilatchup
latch-up current
VI =−1.8 to 5.4 V
-
100
mA
Vesd
electrostatic discharge voltage[1]
ILI <1 µA
pins D
+,D−,VCC(5.0),
Vreg(3.3), GND
-
±4000
V
other pins
-
±2000
V
Tstg
storage temperature
−40
+125
°C
Table 12:
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC(5.0)
supply voltage (Internal
regulator option)
5 V operation
4.0
5.0
5.5
V
Vreg(3.3)
supply voltage (Regulator
bypass option)
3.3 V operation
3.0
3.3
3.6
V
VCC(I/O)
I/O supply voltage
1.65
-
3.6
V
VI
input voltage
0
-
VCC(I/O)
V
VI(AI/O)
input voltage on analog I/O
pins (D
+/D−)
0
-
3.6
V
Tamb
operating ambient temperature
−40
-
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com