Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1107DH Datasheet(PDF) 21 Page - NXP Semiconductors

Part # ISP1107DH
Description  Advanced Universal Serial Bus transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1107DH Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button ISP1107DH Datasheet HTML 16Page - NXP Semiconductors ISP1107DH Datasheet HTML 17Page - NXP Semiconductors ISP1107DH Datasheet HTML 18Page - NXP Semiconductors ISP1107DH Datasheet HTML 19Page - NXP Semiconductors ISP1107DH Datasheet HTML 20Page - NXP Semiconductors ISP1107DH Datasheet HTML 21Page - NXP Semiconductors ISP1107DH Datasheet HTML 22Page - NXP Semiconductors ISP1107DH Datasheet HTML 23Page - NXP Semiconductors ISP1107DH Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
Product data
Rev. 06 — 30 November 2001
21 of 24
9397 750 08872
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
15. Additional soldering information
15.1 (H)BCC packages: footprint
The surface material of the terminals on the resin protrusion consists of a 4-layer
metal structure (Au, Pd, Ni and Pd). The Au + Pd layer (0.1
µm min.) ensures
solderability, the Ni layer (5
µm min.) prevents diffusion, and the Pd layer on top
(0.5
µm min.) ensures effective wire bonding.
15.2 (H)BCC packages: reflow soldering profile
The conditions for reflow soldering of (H)BCC packages are as follows:
• Preheating time: minimum 90 s at T = 145 to 155
°C
• Soldering time: minimum 90 s (BCC) or minimum 100 s (HBCC) at T > 183
°C
• Peak temperature:
– Ambient temperature: Tamb(max) = 260 °C
– Device surface temperature: Tcase(max) = 255 °C.
Cavity: exposed diepad, either functioning as heatsink or as ground connection; only for HBCC packages.
Fig 15. (H)BCC footprint and solder resist mask dimensions.
004aaa123
b1
b
b2
Dh
0.05
All dimensions in mm
For exact dimensions
see package outline
drawing (SOT639-2)
Normal
Terminal
PCB land
Solder resist mask
Stencil mask
Solder land
Corner
0.05
b2
b2
b2
Eh
0.05
0.05
0.05
0.05
0.05
0.1
(4
×)
0.3 (8
×)
0.05
Solder resist
Solder stencil
b1
b
Stencil print thickness:
0.1 to 0.12 mm
Cavity
0.05
0.05
Dh
Eh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com