Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA5302MS Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # MA5302MS
Description  2x200W Class-D Amplifier, Analog Input, with Integrated 16mΩ RDS(ON) Output Stage
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA5302MS Datasheet(HTML) 5 Page - Infineon Technologies AG

  MA5302MS Datasheet HTML 1Page - Infineon Technologies AG MA5302MS Datasheet HTML 2Page - Infineon Technologies AG MA5302MS Datasheet HTML 3Page - Infineon Technologies AG MA5302MS Datasheet HTML 4Page - Infineon Technologies AG MA5302MS Datasheet HTML 5Page - Infineon Technologies AG MA5302MS Datasheet HTML 6Page - Infineon Technologies AG MA5302MS Datasheet HTML 7Page - Infineon Technologies AG MA5302MS Datasheet HTML 8Page - Infineon Technologies AG MA5302MS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
Datasheet
5 of 59
V 2.1
11/2/2023
Integrated Class D Amplifier
MA5302MS
1
Qualification Information
Qualification Level (1)
Standard (
2)
Qualified for standard applications according to the relevant tests
of J-STD-020 and JESD47
Moisture Sensitivity Level (MSL) (3)
MSL3
(per IPC/JEDEC J-STD-020)
ESD
Charge Device
Model
Class C2a
(per JEDEC standard JS-002)
Human Body
Model
Class 1B
(per JEDEC standard JS-001)
IC Latch-Up Test
Class I, Level A
(per JESD78)
RoHS Compliant
Yes
Note:
1. Qualification standards can be found at Infineon’s web site http://www.infineon.com/
2. Higher qualification ratings may be available should the user have such requirements. Please contact your
Infineon Technologies sales representative for further information.
3. Higher MSL ratings may be available for the specific package types listed here. Please contact your Infineon
Technologies sales representative for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com