Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA5302MS Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # MA5302MS
Description  2x200W Class-D Amplifier, Analog Input, with Integrated 16mΩ RDS(ON) Output Stage
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA5302MS Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button MA5302MS Datasheet HTML 3Page - Infineon Technologies AG MA5302MS Datasheet HTML 4Page - Infineon Technologies AG MA5302MS Datasheet HTML 5Page - Infineon Technologies AG MA5302MS Datasheet HTML 6Page - Infineon Technologies AG MA5302MS Datasheet HTML 7Page - Infineon Technologies AG MA5302MS Datasheet HTML 8Page - Infineon Technologies AG MA5302MS Datasheet HTML 9Page - Infineon Technologies AG MA5302MS Datasheet HTML 10Page - Infineon Technologies AG MA5302MS Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
Datasheet
7 of 59
V 2.1
11/2/2023
Integrated Class D Amplifier
MA5302MS
3
Pin Configuration
3.1
Lead assignments
Figure 1
Lead assignments (top view)
3.2
Lead definitions
Pin #
Symbol
Description
1
CLIP
Clipping detection output, open drain, referenced to GND
2
COMP2
CH2 PWM comparator input
3
IN-2
CH2 Analog inverting input
4
IN+2
CH2 Analog non-inverting input
5
GND
GND for internal shunt zener diodes to VAA and VSS, a reference to FAULT and CLIP
outputs.
6
VSS
Floating input negative supply
7
VAA
Floating input positive supply
8
IN+1
CH1 Analog non-inverting input
9
IN-1
CH1 Analog inverting input
10
COMP1
CH1 PWM comparator input
11
CSD
Shutdown timing capacitor / shutdown input
12
FAULT
Fault reporting output, open drain, referenced to GND
13
VCC
Low side supply
14
COM
Low side supply return, internally connected to pin 27
15
CSH1
CH1 High side over current sensing input, referenced to VS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com