Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4049UBMS Datasheet(PDF) 7 Page - Intersil Corporation

Part # CD4049UBMS
Description  CMOS Hex Buffer/Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4049UBMS Datasheet(HTML) 7 Page - Intersil Corporation

Back Button CD4049UBMS Datasheet HTML 3Page - Intersil Corporation CD4049UBMS Datasheet HTML 4Page - Intersil Corporation CD4049UBMS Datasheet HTML 5Page - Intersil Corporation CD4049UBMS Datasheet HTML 6Page - Intersil Corporation CD4049UBMS Datasheet HTML 7Page - Intersil Corporation CD4049UBMS Datasheet HTML 8Page - Intersil Corporation CD4049UBMS Datasheet HTML 9Page - Intersil Corporation CD4049UBMS Datasheet HTML 10Page - Intersil Corporation CD4049UBMS Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FN3315.1
March 6, 2007
TABLE 3. TOTAL DOSE IRRADIATION
CONFORMANCE GROUPS
MIL-STD-883
METHOD
TEST
READ AND RECORD
PRE-IRRAD
POST-IRRAD
PRE-IRRAD
POST-IRRAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4
TABLE 4. BURN-IN AND IRRADIATION TEST CONNECTIONS
FUNCTION
OPEN
GROUND
VDD
9V
± -0.5V
OSCILLATOR
50kHz
25kHz
Static Burn-In 1 (Note 14)
2, 4, 6, 10, 12, 13, 15
3, 5, 7-9, 11-14
1, 16
Static Burn-In 2 (Note 14)
2, 4, 6, 10, 12, 13, 15
8
1, 3, 5, 7, 9, 11, 14, 16
Dynamic Burn-In
(Note 16)
13
8
1, 16
2, 4, 6, 10, 12, 15
3, 5, 7, 9, 11, 14
Irradiation (Note 15)
2, 4, 6, 10, 12, 13, 15, 16
8
1, 3, 5, 7, 9, 11, 14
NOTES:
14. Each pin except pin 1, pin 16, and GND will have a series resistor of 10k
± 5%, VDD = 18V ± 0.5V
15. Each pin except pin 1, pin 16, and GND will have a series resistor of 47k
± 5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures,
VDD = 10V ± 0.5V
16. Each pin except pin 1, pin 16, and GND will have a series resistor of 4.75k
± 5%, VDD = 18V ± 0.5V
Typical Performance Characteristics
FIGURE 2. MINIMUM AND MAXIMUM VOLTAGE TRANSFER
CHARACTERISTICS
FIGURE 3. TYPICAL OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
5
4
3
2
1
01
2
3
4
INPUT VOLTAGE (VI) (V)
MAXIMUM
MINIMUM
AMBIENT TEMPERATURE (TA) = +25°C
SUPPLY VOLTAGE (VCC) = 5V
10V
15V
AMBIENT TEMPERATURE (TA) = +25°C
GATE-TO-SOURCE VOLTAGE (VGS) = 5V
0
30
20
10
40
50
60
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
12345678
70
CD4049UBMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com