Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4049UBMS Datasheet(PDF) 8 Page - Intersil Corporation

Part # CD4049UBMS
Description  CMOS Hex Buffer/Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4049UBMS Datasheet(HTML) 8 Page - Intersil Corporation

Back Button CD4049UBMS Datasheet HTML 3Page - Intersil Corporation CD4049UBMS Datasheet HTML 4Page - Intersil Corporation CD4049UBMS Datasheet HTML 5Page - Intersil Corporation CD4049UBMS Datasheet HTML 6Page - Intersil Corporation CD4049UBMS Datasheet HTML 7Page - Intersil Corporation CD4049UBMS Datasheet HTML 8Page - Intersil Corporation CD4049UBMS Datasheet HTML 9Page - Intersil Corporation CD4049UBMS Datasheet HTML 10Page - Intersil Corporation CD4049UBMS Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN3315.1
March 6, 2007
FIGURE 4. MINIMUM OUTPUT LOW (SINK) CURRENT DRAIN
CHARACTERISTICS
FIGURE 5. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 6. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 7. TYPICAL VOLTAGE TRANSFER
CHARACTERISTICS AS A FUNCTION OF
TEMPERATURE
Typical Performance Characteristics (Continued)
10V
15V
AMBIENT TEMPERATURE (TA) = +25°C
GATE-TO-SOURCE VOLTAGE (VGS) = 5V
0
30
20
10
40
50
60
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
12
34
56
78
70
-15V
AMBIENT TEMPERATURE (TA) = +25°C
GATE-TO-SOURCE VOLTAGE (VGS) = 5V
-10V
0
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-1
-2
-3
-4
-5
-6
-7
-8
-25
-30
-35
-20
-15
-10
-5
AMBIENT TEMPERATURE (TA) = +25°C
GATE-TO-SOURCE VOLTAGE (VGS) = 5V
-10V
0
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-1
-2
-3
-4
-5
-6
-7
-8
-25
-30
-35
-20
-15
-10
-5
-15V
10
9
8
7
6
5
4
3
2
1
01
2
3
4
5
6
7
8
9
10
INPUT VOLTAGE (VI) (V)
SUPPLY VOLTAGE (VCC) = 10V
AMBIENT TEMPERATURE (TA) = -55°C
VCC = 5V
+125°C
+125°C
-55°C
CD4049UBMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com