Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMP2120FF Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXMP2120FF
Description  200V SOT23F P-channel enhancement mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMP2120FF Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXMP2120FF Datasheet HTML 1Page - Zetex Semiconductors ZXMP2120FF Datasheet HTML 2Page - Zetex Semiconductors ZXMP2120FF Datasheet HTML 3Page - Zetex Semiconductors ZXMP2120FF Datasheet HTML 4Page - Zetex Semiconductors ZXMP2120FF Datasheet HTML 5Page - Zetex Semiconductors ZXMP2120FF Datasheet HTML 6Page - Zetex Semiconductors ZXMP2120FF Datasheet HTML 7Page - Zetex Semiconductors ZXMP2120FF Datasheet HTML 8Page - Zetex Semiconductors ZXMP2120FF Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Issue 1 - January 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
ZXMP2120FF
200V SOT23F P-channel enhancement mode MOSFET
Summary
Description
This 200V enhancement mode P-channel MOSFET provides users with
a competitive specification offering efficient power handling capability,
high impedance and freedom from thermal runaway and thermally
induced secondary breakdown.
Applications benefiting from this device include a variety of telecom
and general high voltage circuits.
Features
•
High voltage
•
Low on-resistance
•
Fast switching speed
•
Low gate drive
•
Low threshold
•
SOT23 FLAT package
Applications
•
Active clamping of primary side MOSFETs in 48 volt DC-DC
converters
Ordering information
Device marking
1C4
V(BR)DSS
RDS(on) ( )ID (mA)
-200
28 @ VGS= -10V
-137
Device
Reel size
(inches)
Tape width
(mm)
Quantity
per reel
ZXMP2120FFTA
7
8
3,000
D
S
G
D
Top view
S
G


Similar Part No. - ZXMP2120FF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP2120FF DIODES-ZXMP2120FF Datasheet
423Kb / 10P
200V SOT23F P-channel enhancement mode MOSFET
JANUARY 2007
ZXMP2120FFTA DIODES-ZXMP2120FFTA Datasheet
423Kb / 10P
200V SOT23F P-channel enhancement mode MOSFET
JANUARY 2007
logo
VBsemi Electronics Co.,...
ZXMP2120FFTA VBSEMI-ZXMP2120FFTA Datasheet
730Kb / 6P
P-Channel 200V (D-S) MOSFET
More results

Similar Description - ZXMP2120FF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP2120G4 ZETEX-ZXMP2120G4 Datasheet
442Kb / 6P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP2120E5 ZETEX-ZXMP2120E5 Datasheet
384Kb / 6P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP2120E5 DIODES-ZXMP2120E5 Datasheet
391Kb / 6P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2006
ZXMP2120FF DIODES-ZXMP2120FF Datasheet
423Kb / 10P
200V SOT23F P-channel enhancement mode MOSFET
JANUARY 2007
ZXMP2120G4 DIODES-ZXMP2120G4 Datasheet
422Kb / 6P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2006
ZVNL120G DIODES-ZVNL120G_15 Datasheet
567Kb / 6P
200V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
ZXMP2120E5 DIODES-ZXMP2120E5_15 Datasheet
718Kb / 7P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
ZXMP2120G4 DIODES-ZXMP2120G4_15 Datasheet
745Kb / 7P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
Cystech Electonics Corp...
MTD2K5P20KM3 CYSTEKEC-MTD2K5P20KM3 Datasheet
402Kb / 9P
-200V P-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMAK13P20 LEIDITECH-LMAK13P20 Datasheet
2Mb / 5P
-200V P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com