Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMP2120FF Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXMP2120FF
Description  200V SOT23F P-channel enhancement mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMP2120FF Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXMP2120FF Datasheet HTML 1Page - Zetex Semiconductors ZXMP2120FF Datasheet HTML 2Page - Zetex Semiconductors ZXMP2120FF Datasheet HTML 3Page - Zetex Semiconductors ZXMP2120FF Datasheet HTML 4Page - Zetex Semiconductors ZXMP2120FF Datasheet HTML 5Page - Zetex Semiconductors ZXMP2120FF Datasheet HTML 6Page - Zetex Semiconductors ZXMP2120FF Datasheet HTML 7Page - Zetex Semiconductors ZXMP2120FF Datasheet HTML 8Page - Zetex Semiconductors ZXMP2120FF Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ZXMP2120FF
Issue 1 - January 2007
4
www.zetex.com
© Zetex Semiconductors plc 2007
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Max.
Unit Conditions
Static
Drain-source breakdown
voltage
V(BR)DSS
-200
V
ID= 1mA, VGS=0V
Zero gate voltage drain current IDSS
-10
AVDS= -200V, VGS=0V
-100
A
VDS= -160V, VGS=0V, T=125C(‡)
Gate-body leakage
IGSS
20
nA
VGS=±20V, VDS=0V
Gate-source threshold voltage
VGS(th)
-1.5
-3.5
V
ID= 250 A, VDS=VGS
Static drain-source on-state
resistance (*)
NOTES:
(*) Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.
RDS(on)
28
VGS= -10V, ID= -150mA
On-state drain current(*)
ID(on)
-300
mA
VDS= -25V, VGS=-10V
Forward transconductance(*) (‡) gfs
50
mS
VDS= -25V, ID= -150mA
Dynamic(‡)
Input capacitance
Ciss
100
pF
VDS= -25V, VGS=0V
f=1MHz
Output capacitance
Coss
25
pF
Reverse transfer capacitance
Crss
7pF
Switching (†) (‡)
(†) Switching characteristics are independent of operating junction temperature.
(‡) For design aid only, not subject to production testing.
Turn-on-delay time
td(on)
7ns
VDD= -25V, VGS= -10V
ID= -150mA
RSOURCE ≈ 50
Rise time
tr
15
ns
Turn-off delay time
td(off)
12
ns
Fall time
tf
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com