Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV721 Datasheet(PDF) 5 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LMV721
Description  10MHz, RRIO CMOSOperational Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LMV721 Datasheet(HTML) 5 Page - Guangdong Youtai Semiconductor Co., Ltd.

  LMV721 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Electrical Characteristics(TA=25℃)
( VS=5.0V, TA=+25°C, VCM=VS/2, VO=VS/2, RL=10kΩ connected to VS/2, unless otherwise noted. )
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DYNAMIC PERFORMANCE
GBW
Gain bandwidth product
f = 1kHz
10
MHz
ΦM
Phase margin
CL = 100pF
60
°
SR
Slew rate
G = +1, CL = 100pF,
VO = 1.5V to 3.5V
9
V/μs
BWP
Full power bandwidt
h
<1% distortion
400
kHz
tS
Settling time
To 0.1%, G = +1, 2V step
0.25
μs
To 0.01%, G = +1, 2V step
0.28
tOR
Overload recovery time
VIN * Gain > VS
0.5
μs
NOISE PERFORMANCE
Vn
Input voltage noise
f = 0.1 to 10 Hz
12
μVP-P
en
Input voltage noise density
f = 10kHz
20
nV/√Hz
In
Input current noise density
f = 10kHz
5
fA/√Hz
POWER SUPPLY
VS
Operating supply voltage
2.5
5.5
V
PSRR
Power supply rejection
ratio
VS = 2.7V to 5.5V,
VCM < VS+ +0.5V
70
95
dB
Over temperature
80
IQ
Quiescent current
(per amplifier)
1000
1300
μA
Over temperature
1200
1600
www.umw-ic.com
5
UTD Semiconductor Co.,Limited
LMV721, LMV722, LMV724
10MHz, RRIO CMOS Operational Amplifiers
UMW
R
TA
Operating temperature
range
-40
+
125
°C
θJA
Package thermal resistance
°C/W
SOT23-5
190
SOP-8
125
153
SC70-5
333
TSSOP-14
112
TSSOP-8
THERMAL CHARACTERISTICS
SOP-14
115
MSOP-8
216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com