Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV721 Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LMV721
Description  10MHz, RRIO CMOSOperational Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LMV721 Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  LMV721 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The LMV721A (single), LMV722A
(dual) and LMV724A (quad) are low
noise, low voltage, and micro power
operational amplifiers. With an excellent
bandwidth of 10MHz, a slew rate of 9V/μs,
and a quiescent current of 1000μA per
amplifier at 5V, the LMV72xA family can be
designed into a wide range of applications.
The LMV72xA op-amps are designed
to provide optimal performance in low
voltage and low noise systems. The input
common-mode
voltage
range
includes
ground, and the maximum input offset
voltage are 3.5mV. These parts provide rail-
to-rail output swing into heavy loads. The
LMV72xA family is specified for single or
dual power supplies of +2.5V to +5.5V. All
models are specified over the extended
industrial temperature range of −40℃ to
+
125℃.
The LMV721A is available in 5-lead
SC70
and
SOT-23
packages.
The
LMV722A is available in 8-lead MSOP,
DFN2*2, TSSOP and SOP packages. The
LMV724A is available in 14-lead TSSOP and
SOP packages.
Features
High Slew Rate: 9V/µs
Wide Bandwidth: 10MHz
Low Power: 1000μA per Amplifier Supply
Current
Settling Time to 0.1% with 2V Step: 0.25 μs
Low Noise: 20 nV/
������@10kHz
Low Offset Voltage: 3.5 mV Maximum
Unit Gain Stable
Rail-to-Rail Input and Output
Input Voltage Range: -0.1V to +5.1V at
5V Supply
Operating Power Supply: +2.5V to +5.5V
Operating Temperature Range: -40℃ to +125℃
Applications
Photodiode Amplification
Sensor Interfaces
Audio Outputs
Active Filters
Driving A/D Converters
Portable Equipment & Battery-Powered
Instrumentation
www.umw-ic.com
1
UTD Semiconductor Co.,Limited
LMV721, LMV722, LMV724
10MHz, RRIO CMOS Operational Amplifiers
UMW
R


Similar Part No. - LMV721

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV721 NSC-LMV721 Datasheet
459Kb / 15P
10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Texas Instruments
LMV721 TI-LMV721 Datasheet
684Kb / 21P
10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV721 NSC-LMV721 Datasheet
927Kb / 15P
10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Texas Instruments
LMV721 TI1-LMV721 Datasheet
966Kb / 18P
10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
LMV721 TI2-LMV721 Datasheet
1Mb / 30P
10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
REVISED SEPTEMBER 2010
More results

Similar Description - LMV721

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV931 NSC-LMV931 Datasheet
625Kb / 19P
1.8V, RRIO Operational Amplifiers
logo
Intersil Corporation
HA-5101 INTERSIL-HA-5101 Datasheet
534Kb / 10P
10MHz, Low Noise, Operational Amplifiers
April 2002
HA-5101 INTERSIL-HA-5101_03 Datasheet
556Kb / 10P
10MHz, Low Noise, Operational Amplifiers
May 2003
logo
Analog Devices
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
REV. E
OP196 AD-OP196_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
OP296 AD-OP296_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
OP496 AD-OP496_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
logo
Texas Instruments
LMV710-N TI1-LMV710-N Datasheet
1Mb / 25P
Low Power, RRIO Operational Amplifiers
LMV981-N TI1-LMV981-N Datasheet
1Mb / 28P
Dual 1.8V, RRIO Operational Amplifiers
logo
Renesas Technology Corp
HA-5101 RENESAS-HA-5101 Datasheet
563Kb / 10P
10MHz, Low Noise, Operational Amplifiers
May 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com