Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV722MM Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LMV722MM
Description  10MHz, RRIO CMOSOperational Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LMV722MM Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  LMV722MM Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. LMV722MM Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LMV722MM Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LMV722MM Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LMV722MM Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LMV722MM Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LMV722MM Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LMV722MM Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LMV722MM Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Fig. 1 Pin Configurations
Symbol
Description
-IN
Negative (inverting) input.
+IN
Positive (noninverting) input.
-INA, -INB
-INC, IND
Inverting Input of the Amplifier. The Voltage range can go from (VS– – 0.1V) to (VS+ + 0.1V).
+INA, +INB
+INC, +IND
Non-Inverting Input of Amplifier. This pin has the same voltage range as –IN.
+VS
Positive Power Supply. The voltage is from 2.5V to 5.5V. Split supplies are possible as long as the
voltage between VS+ and VS– is between 2.5V and 5.5V. A bypass capacitor of 0.1μF as close to the
part as possible should be used between power supply pins or between supply pins and ground.
-VS
Negative Power Supply. It is normally tied to ground. It can also be tied to a voltage other than
ground as long as the voltage between VS+ and VS– is from 2.5V to 5.5V. If it is not connected to
ground, bypass it with a capacitor of 0.1μF as close to the part as possible.
OUT
Output.
OUTA, OUTB
OUTC, OUTD
Amplifier Output.
www.umw-ic.com
2
UTD Semiconductor Co.,Limited
LMV721
LMV722
LMV724
SOT23-5/SC70-5
SOP-8/TSSOP-8/MSOP-8
SOP-14/TSSOP-14
LMV721, LMV722, LMV724
10MHz, RRIO CMOS Operational Amplifiers
UMW
R
-VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com