Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV722MM Datasheet(PDF) 13 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LMV722MM
Description  10MHz, RRIO CMOSOperational Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LMV722MM Datasheet(HTML) 13 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button LMV722MM Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. LMV722MM Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. LMV722MM Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. LMV722MM Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. LMV722MM Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. LMV722MM Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. LMV722MM Datasheet HTML 15Page - Guangdong Youtai Semiconductor Co., Ltd. LMV722MM Datasheet HTML 16Page - Guangdong Youtai Semiconductor Co., Ltd. LMV722MM Datasheet HTML 17Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Typical Application Circuits
Buffered Chemical Sensors
Fig. 18 Buffered pH Probe
The LMV72xA family has input bias current in the pA range. This is ideal in
buffering high impedance chemical sensors, such as pH probes. As an example, the
circuit in Figure 7 eliminates expansive low-leakage cables that is required to
connect a pH probe (general purpose combination pH probes, e.g Corning 476540)
to metering ICs such as ADC, AFE and/or MCU. An LMV72xA op-amp and a lithium
battery are housed in the probe assembly. A conventional low-cost coaxial cable can
be used to carry the op-amp’s output signal to subsequent ICs for pH reading.
Shunt-Based Current Sensing Amplifier
The current sensing amplification shown in Figure 8 has a slew rate of 2πfVPP for the
output of sine wave signal, and has a slew rate of 2fVPP for the output of triangular wave
signal. In most of motor control systems, the PWM frequency is at 10kHz to 20kHz, and one
cycle time is 100μs for a 10kHz of PWM frequency. In current shunt monitoring for a motor
phase, the phase current is converted to a phase voltage signal for ADC sampling. This
sampling voltage signal must be settled before entering the ADC. As the Figure 8 shown, the
total settling time of a current shunt monitor circuit includes: the rising edge delay time (tSR)
due to the op-amp’s slew rate, and the measurement settling time (tSET). If the minimum duty
cycle of the PWM is defined at 5%, and the tSR is required at 20% of a total time window for a
phase current monitoring, in case of a 3.3V motor control system (3.3V MCU with 12-bit
ADC), the op-amp’s slew rate should be more than:
3.3V / (100μs× 5% × 20%) = 3.3 V/μs
At the same time, the op-amp’s bandwidth should be much greater than the PWM
frequency, like 10 time at least.
www.umw-ic.com
13
UTD Semiconductor Co.,Limited
LMV721, LMV722, LMV724
10MHz, RRIO CMOS Operational Amplifiers
UMW
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com