Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBE2003S Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LBE2003S
Description  NPN microwave power transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LBE2003S Datasheet(HTML) 4 Page - NXP Semiconductors

  LBE2003S Datasheet HTML 1Page - NXP Semiconductors LBE2003S Datasheet HTML 2Page - NXP Semiconductors LBE2003S Datasheet HTML 3Page - NXP Semiconductors LBE2003S Datasheet HTML 4Page - NXP Semiconductors LBE2003S Datasheet HTML 5Page - NXP Semiconductors LBE2003S Datasheet HTML 6Page - NXP Semiconductors LBE2003S Datasheet HTML 7Page - NXP Semiconductors LBE2003S Datasheet HTML 8Page - NXP Semiconductors LBE2003S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1997 Mar 03
4
Philips Semiconductors
Product specification
NPN microwave power transistors
LBE2003S; LBE2009S;
LCE2009S
Fig.5
DC SOAR; LBE2009S, LCE2009S
handbook, halfpage
103
102
10
1
MGD990
10
20
40
IC
(mA)
102
(1)
(2)
(3)
VCE (V)
Tmb ≤ 75 °C.
(1) Region of permissible DC operation.
(2) Permissible extension provided RBE ≤ 100 Ω.
(3) Second breakdown limit (independant of temperature).
Fig.6
Power dissipation derating as a function
of mounting-base temperature;
LBE2009S, LCE2009S.
handbook, halfpage
−50
0
P tot
(W)
200
Tmb (
oC)
4
3
1
0
2
50
100
150
MGD991
THERMAL CHARACTERISTICS
Note
1. See “
Mounting recommendations in the General part of handbook SC15”.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
Rth j-mb
thermal resistance from junction to mounting-base
Tj =75 °C; note 1
LBE2003S
65
K/W
LBE2009S; LCE2009S
36
K/W
Rth mb-h
thermal resistance from mounting-base to heatsink
Tj =75 °C; note 1
1.5
K/W
LCE2009S IS A MAINTENANCE TYPE - NOT RECOMMENDED FOR NEW DESIGNS; SEE INDEX SECTION OF SC15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com