Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBE2003S Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LBE2003S
Description  NPN microwave power transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LBE2003S Datasheet(HTML) 2 Page - NXP Semiconductors

  LBE2003S Datasheet HTML 1Page - NXP Semiconductors LBE2003S Datasheet HTML 2Page - NXP Semiconductors LBE2003S Datasheet HTML 3Page - NXP Semiconductors LBE2003S Datasheet HTML 4Page - NXP Semiconductors LBE2003S Datasheet HTML 5Page - NXP Semiconductors LBE2003S Datasheet HTML 6Page - NXP Semiconductors LBE2003S Datasheet HTML 7Page - NXP Semiconductors LBE2003S Datasheet HTML 8Page - NXP Semiconductors LBE2003S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1997 Mar 03
2
Philips Semiconductors
Product specification
NPN microwave power transistors
LBE2003S;
LBE2009S; LCE2009S
FEATURES
• Diffused emitter ballasting resistors
• Self-aligned process entirely ion implanted and gold
metallization
• Optimum temperature profile
• Excellent performance and reliability.
APPLICATIONS
• Common emitter class-A linear power amplifiers up
to 4 GHz.
DESCRIPTION
The LBE2003S and LBE2009S are NPN silicon planar
epitaxial microwave power transistors in a SOT441A metal
ceramic studless package.The LCE2009S is a
maintenance type in a SOT442A metal ceramic capstan
package.
PINNING
PIN
DESCRIPTION
1
collector
2
emitter
3
base
4
emitter
Fig.1 Simplified outline and symbol (SOT441A).
Marking code: LBE2003S = 407; LBE2009S = 409.
handbook, halfpage
e
c
b
MAM329
Top view
1
4
3
2
Fig.2 Simplified outline and symbol (SOT442A).
Marking code: LCE2009S = 408.
handbook, halfpage
e
c
b
MAM330
Top view
1
4
3
2
QUICK REFERENCE DATA
Microwave performance up to Tmb =25 °C in a common emitter class-A amplifier.
TYPE NUMBER
MODE OF
OPERATION
f
(GHz)
VCE
(V)
IC
(mA)
PL1
(mW)
Gpo
(dB)
Zi
(
Ω)
ZL
(
Ω)
LBE2003S
Class-A (CW) linear
2
18
30
≥200
≥10
6.2 + j30
17.5 + j7
LBE2009S
Class-A (CW) linear
2
18
110
≥700
≥9
7.5 + j15
17.5 + j39
LCE2009S
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO disc is not damaged.
All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.
LCE2009S IS A MAINTENANCE TYPE - NOT RECOMMENDED FOR NEW DESIGNS; SEE INDEX SECTION OF SC15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com