Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5259BT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBZ5259BT
Description  150mW SURFACE MOUNT ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ5259BT Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBZ5259BT Datasheet HTML 1Page - Diodes Incorporated MMBZ5259BT Datasheet HTML 2Page - Diodes Incorporated MMBZ5259BT Datasheet HTML 3Page - Diodes Incorporated MMBZ5259BT Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Lead-free
DS30267 Rev. 9 - 2
1 of 4
MMBZ5221BT - MMBZ5259BT
www.diodes.com
ã Diodes Incorporated
MMBZ5221BT - MMBZ5259BT
150mW SURFACE MOUNT ZENER DIODE
Features
·
Ultra-Small Surface Mount Package
·
Planar Die Construction
·
General Purpose
·
Ideally Suited for Automated Assembly Processes
·
Lead Free/RoHS Compliant (Note 2)
Mechanical Data
A
M
J
L
D
B C
H
K
G
N
Characteristic
Symbol
Value
Unit
Zener Current (See Table on page 2)
¾
¾
¾
Forward Voltage
@ IF = 10mA
VF
0.9
V
Power Dissipation (Note 1)
Pd
150
mW
Thermal Resistance, Junction to Ambient (Note 1)
RqJA
833
°
C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°
C
Notes:
1. Device mounted on FR-4 PC board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead.
Maximum Ratings @ TA = 25°C unless otherwise specified
·
Case: SOT-523
·
Case material: Molded Plastic
. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
·
Polarity: See Diagram
·
Marking: See Table, Page 2 and Below
·
Ordering Information, see Page 2
·
Weight: 0.002 grams (approximate)
SOT-523
Dim
Min
Max
Typ
A
0.15
0.30
0.22
B
0.75
0.85
0.80
C
1.45
1.75
1.60
D
¾
¾
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
J
0.00
0.10
0.05
K
0.60
0.80
0.75
L
0.10
0.30
0.22
M
0.10
0.20
0.12
N
0.45
0.65
0.50
a
0°
8°
¾
All Dimensions in mm
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Year
2002
2003
2004
2005
2006
2007
2008
2009
Code
N
P
R
S
T
U
V
W
Date Code Key
KXX = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
KXXYM
Marking Information
SPICE MODELS: MMBZ5221BT MMBZ5223BT MMBZ5225BT MMBZ5226BT MMBZ5227BT MMBZ5228BT MMBZ5229BT MMBZ5230BT MMBZ5231BT
MMBZ5232BT MMBZ5234BT MMBZ5235BT MMBZ5237BT MMBZ5239BT MMBZ5240BT MMBZ5241BT MMBZ5242BT MMBZ5243BT MMBZ5245BT
MMBZ5246BT MMBZ5248BT MMBZ5250BT MMBZ5251BT MMBZ5252BT MMBZ5254BT MMBZ5255BT MMBZ5256BT MMBZ5257BT MMBZ5258BT
MMBZ5259BT


Similar Part No. - MMBZ5259BT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5259BT DIODES-MMBZ5259BT Datasheet
65Kb / 3P
150mW SURFACE MOUNT ZENER DIODE
DS30267 Rev. C-2
MMBZ5259BT DIODES-MMBZ5259BT Datasheet
156Kb / 4P
150mW SURFACE MOUNT ZENER DIODE
Rev. 11 - 2 June 2008
MMBZ5259BTS DIODES-MMBZ5259BTS Datasheet
62Kb / 3P
TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30184 Rev. 4 - 2
MMBZ5259BTS DIODES-MMBZ5259BTS Datasheet
91Kb / 4P
TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30184 Rev. 10 - 2
MMBZ5259BTS DIODES-MMBZ5259BTS Datasheet
149Kb / 4P
TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev. 12 - 2 June 2008
More results

Similar Description - MMBZ5259BT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BT DIODES-MMBZ5221BT Datasheet
65Kb / 3P
150mW SURFACE MOUNT ZENER DIODE
DS30267 Rev. C-2
BZX84C2V4T DIODES-BZX84C2V4T_1 Datasheet
372Kb / 3P
150mW SURFACE MOUNT ZENER DIODE
DS30262 Rev. 8 - 2
logo
Taiwan Semiconductor Co...
TSZU52C2 TSC-TSZU52C2 Datasheet
82Kb / 4P
150mW SMD Zener Diode
logo
Diodes Incorporated
BZX84C2V4T DIODES-BZX84C2V4T_08 Datasheet
163Kb / 4P
150mW SURFACE MOUNT ZENER DIODE
Rev. 10 - 2 May 2008
MMBZ5221BT DIODES-MMBZ5221BT_08 Datasheet
156Kb / 4P
150mW SURFACE MOUNT ZENER DIODE
Rev. 11 - 2 June 2008
logo
Taiwan Semiconductor Co...
TSZU52C2V4 TSC-TSZU52C2V4 Datasheet
111Kb / 4P
150mW SMD Zener Diode
logo
Diodes Incorporated
BZX84C2V4T DIODES-BZX84C2V4T_15 Datasheet
163Kb / 4P
150mW SURFACE MOUNT ZENER DIODE
Rev 10
MMBZ5221BT DIODES-MMBZ5221BT_15 Datasheet
156Kb / 4P
150mW SURFACE MOUNT ZENER DIODE
Rev 11
logo
E-CMOS Corporation
ECCZD5Z2V4 E-CMOS-ECCZD5Z2V4 Datasheet
316Kb / 6P
150mW Surface Mount Zener Diodes-2.4V-75V
logo
Diodes Incorporated
BZX84C5V6TQ DIODES-BZX84C5V6TQ Datasheet
585Kb / 5P
150mW SURFACE MOUNT ZENER DIODE
January 2023 Rev. 1 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com