Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5259BT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBZ5259BT
Description  150mW SURFACE MOUNT ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ5259BT Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBZ5259BT Datasheet HTML 1Page - Diodes Incorporated MMBZ5259BT Datasheet HTML 2Page - Diodes Incorporated MMBZ5259BT Datasheet HTML 3Page - Diodes Incorporated MMBZ5259BT Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30267 Rev. 9 - 2
2 of 4
MMBZ5221BT - MMBZ5259BT
www.diodes.com
Electrical Characteristics @ TA = 25°C unless otherwise specified
Type
Number
Marking
Code
Zener Voltage Range (Note 3)
Test
Current
Maximum Zener Impedance
(Note 5)
Maximum Reverse
Leakage Current (Note 3)
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
= 0.25mA
IR
@ VR
Nom (V)
Min (V)
Max (V)
mA
W
m
A
V
MMBZ5221BT
KC1
2.4
2.28
2.52
20
30
1200
100
1.0
MMBZ5223BT
KC3
2.7
2.57
2.84
20
30
1300
75
1.0
MMBZ5225BT
KC5
3.0
2.85
3.15
20
30
1600
50
1.0
MMBZ5226BT
KG1
3.3
3.14
3.47
20
28
1600
25
1.0
MMBZ5227BT
KG2
3.6
3.42
3.78
20
24
1700
15
1.0
MMBZ5228BT
KG3
3.9
3.71
4.10
20
23
1900
10
1.0
MMBZ5229BT
KG4
4.3
4.09
4.52
20
22
2000
5.0
1.0
MMBZ5230BT
KG5
4.7
4.47
4.94
20
19
1900
5.0
2.0
MMBZ5231BT
KE1
5.1
4.85
5.36
20
17
1600
5.0
2.0
MMBZ5232BT
KE2
5.6
5.32
5.88
20
11
1600
5.0
3.0
MMBZ5234BT
KE4
6.2
5.89
6.51
20
7.0
1000
5.0
4.0
MMBZ5235BT
KE5
6.8
6.46
7.14
20
5.0
750
3.0
5.0
MMBZ5236BT
KF1
7.5
7.13
7.88
20
6.0
500
3.0
6.0
MMBZ5237BT
KF2
8.2
7.79
8.61
20
8.0
500
3.0
6.5
MMBZ5239BT
KF4
9.1
8.65
9.56
20
10
600
3.0
7.0
MMBZ5240BT
KF5
10
9.50
10.50
20
17
600
3.0
8.0
MMBZ5241BT
KH1
11
10.45
11.55
20
22
600
2.0
8.4
MMBZ5242BT
KH2
12
11.40
12.60
20
30
600
1.0
9.1
MMBZ5243BT
KH3
13
12.35
13.65
9.5
13
600
0.5
9.9
MMBZ5245BT
KH5
15
14.25
15.75
8.5
16
600
0.1
11
MMBZ5246BT
KJ1
16
15.20
16.80
7.8
17
600
0.1
12
MMBZ5248BT
KJ3
18
17.10
18.90
7.0
21
600
0.1
14
MMBZ5250BT
KJ5
20
19.00
21.00
6.2
25
600
0.1
15
MMBZ5251BT
KK1
22
20.90
23.10
5.6
29
600
0.1
17
MMBZ5252BT
KK2
24
22.80
25.20
5.2
33
600
0.1
18
MMBZ5254BT
KK4
27
25.65
28.35
5.0
41
600
0.1
21
MMBZ5255BT
KK5
28
26.60
29.40
4.5
44
600
0.1
21
MMBZ5256BT
KM1
30
28.50
31.50
4.2
49
600
0.1
23
MMBZ5257BT
KM2
33
31.35
34.65
3.8
58
700
0.1
25
MMBZ5258BT
KM3
36
34.20
37.80
3.4
70
700
0.1
27
MMBZ5259BT
KM4
39
37.05
40.95
3.2
80
800
0.1
30
TABLE 1
Ordering Information (Note 4)
Device
Packaging
Shipping
(Type Number)-7-F
SOT-523
3000/Tape & Reel
* Add “-7-F” to the appropriate type number in Table 1 above. Example: 6.2V Zener = MMBZ5234BT-7-F.
Notes:
3. Short duration test pulse used to minimize self-heating effect.
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
5. f = 1KHz.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com