Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29DL400B Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM29DL400B
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL400B Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM29DL400B Datasheet HTML 13Page - Advanced Micro Devices AM29DL400B Datasheet HTML 14Page - Advanced Micro Devices AM29DL400B Datasheet HTML 15Page - Advanced Micro Devices AM29DL400B Datasheet HTML 16Page - Advanced Micro Devices AM29DL400B Datasheet HTML 17Page - Advanced Micro Devices AM29DL400B Datasheet HTML 18Page - Advanced Micro Devices AM29DL400B Datasheet HTML 19Page - Advanced Micro Devices AM29DL400B Datasheet HTML 20Page - Advanced Micro Devices AM29DL400B Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
Am29DL400B
15
requirements. This method is an alternative to that
shown in Table 4, which is intended for PROM pro-
grammers and requires VID on address pin A9. The
autoselect command sequence may be written to an
address within a bank that is either in the read or
erase-suspend-read mode. The autoselect com-
mand may not be written while the device is actively
programming or erasing in the other bank.
The autoselect command sequence is initiated by
first writing two unlock cycles. This is followed by a
third write cycle that contains the bank address and
the autoselect command. The addressed bank then
enters the autoselect mode. The system may read at
any address within the same bank any number of
times without initiating another autoselect command
sequence:
A read cycle at address (BA)XX00h (where BA is
the bank address) returns the manufacturer code.
A read cycle at address (BA)XX01h in word mode
(or (BA)XX02h in byte mode) returns the device
code.
A read cycle to an address containing a sector ad-
dress (SA) within the same bank, and the address
02h on A7–A0 in word mode (or the address 04h
on A6–A-1 in byte mode) returns 01h if the sector
is protected, or 00h if it is unprotected. Refer to
Tables 2 and 3 for valid sector addresses.
The system may continue to read array data from
the other bank while a bank is in the autoselect
mode. To exit the autoselect mode, the system must
write the reset command to return both banks to
reading array data. If a bank enters the autoselect
mode while erase suspended, a reset command re-
turns that bank to the erase-suspend-read mode. A
subsequent Erase Resume command returns the
bank to the erase operation.
Byte/Word Program Command Sequence
The system may program the device by word or
byte, depending on the state of the BYTE# pin. Pro-
gramming is a four-bus-cycle operation. The
program command sequence is initiated by writing
two unlock write cycles, followed by the program
set-up command. The program address and data are
written next, which in turn initiate the Embedded
Program algorithm. The system is not required to
provide further controls or timings. The device auto-
matically generates the program pulses and verifies
the programmed cell margin. Table 5 shows the ad-
dress and data requirements for the byte program
command sequence.
When the Embedded Program algorithm is complete,
that bank then returns to reading array data and ad-
dresses are no longer latched. The system can
determine the status of the program operation by
using DQ7, DQ6, or RY/BY#. Note that while the Em-
bedded Program operation is in progress, the system
can read data from the non-programming bank.
Refer to the Write Operation Status section for infor-
mation on these status bits.
Any commands written to the device during the Em-
bedded Program Algorithm are ignored. Note that a
hardware reset immediately terminates the pro-
gram operation. The program command sequence
should be reinitiated once that bank has returned to
reading array data, to ensure data integrity.
Programming is allowed in any sequence and across
sector boundaries. A bit cannot be programmed
from “0” back to a “1.” Attempting to do so may
cause that bank to set DQ5 = 1, or cause the DQ7
and DQ6 status bits to indicate the operation was
successful. However, a succeeding read will show
that the data is still “0.” Only erase operations can
convert a “0” to a “1.”
Unlock Bypass Command Sequence
The unlock bypass feature allows the system to pro-
gram bytes or words to a bank faster than using the
standard program command sequence. The unlock
bypass command sequence is initiated by first writ-
ing two unlock cycles. This is followed by a third
write cycle containing the unlock bypass command,
20h. That bank then enters the unlock bypass mode.
A two-cycle unlock bypass program command se-
quence is all that is required to program in this
mode. The first cycle in this sequence contains the
unlock bypass program command, A0h; the second
cycle contains the program address and data. Addi-
tional data is programmed in the same manner. This
mode dispenses with the initial two unlock cycles re-
quired in the standard program command sequence,
resulting in faster total programming time. Table 5
shows the requirements for the command sequence.
During the unlock bypass mode, only the Unlock By-
pass Program and Unlock Bypass Reset commands
are valid. To exit the unlock bypass mode, the sys-
tem must issue the two-cycle unlock bypass reset
command sequence. The first cycle must contain the
bank address and the data 90h. The second cycle
need only contain the data 00h. The bank then re-
turns to reading array data.
Figure 3 illustrates the algorithm for the program op-
eration. Refer to the Erase and Program Operations
table in the AC Characteristics section for parame-
ters, and Figure 17 for timing diagrams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com