Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29DL400B Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM29DL400B
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL400B Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM29DL400B Datasheet HTML 10Page - Advanced Micro Devices AM29DL400B Datasheet HTML 11Page - Advanced Micro Devices AM29DL400B Datasheet HTML 12Page - Advanced Micro Devices AM29DL400B Datasheet HTML 13Page - Advanced Micro Devices AM29DL400B Datasheet HTML 14Page - Advanced Micro Devices AM29DL400B Datasheet HTML 15Page - Advanced Micro Devices AM29DL400B Datasheet HTML 16Page - Advanced Micro Devices AM29DL400B Datasheet HTML 17Page - Advanced Micro Devices AM29DL400B Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
12
Am29DL400B
Table 4. Am29DL400B Autoselect Codes (High Voltage Method)
Note: L = Logic Low = VIL, H = Logic High = VIH, BA = Bank
Address, SA = Sector Address, X = Don’t care.
Sector Protection/Unprotection
The hardware sector protection feature disables both
program and erase operations in any sector. The
hardware sector unprotection feature re-enables
both program and erase operations in previously
protected sectors. Sector protection/unprotection
can be implemented via two methods.
The primary method requires VID on the RESET# pin
only, and can be implemented either in-system or via
programming equipment. Figure 2 shows the algo-
rithms and Figure 24 shows the timing diagram. This
method uses standard microprocessor bus cycle tim-
ing. For sector unprotect, all unprotected sectors
must first be protected prior to the first sector un-
protect write cycle.
The alternate method intended only for program-
ming equipment requires VID on address pin A9 and
OE#. This method is compatible with programmer
routines written for earlier 3.0 volt-only AMD flash
devices. Publication number 22145 contains further
details; contact an AMD representative to request a
copy.
The device is shipped with all sectors unprotected.
AMD offers the option of programming and protect-
ing sectors at its factory prior to shipping the device
through AMD’s ExpressFlash™ Service. Contact an
AMD representative for details.
It is possible to determine whether a sector is pro-
tected or unprotected. See the Autoselect Mode
section for details.
Temporary Sector Unprotect
This feature allows temporary unprotection of previ-
ously protected sectors to change data in-system.
The Sector Unprotect mode is activated by setting
the RESET# pin to VID (11.5 V – 12.5 V). During this
mode, formerly protected sectors can be pro-
gra mmed or era sed by selecting the se ctor
addresses. Once VID is removed from the RESET#
pin, all the previously protected sectors are
protected again. Figure 1 shows the algorithm, and
Figure 23 shows the timing diagrams, for this
feature.
Figure 1. Temporary Sector Unprotect
Operation
Description
Mode
CE#
OE# WE#
A17
to
A12
A11
to
A10
A9
A8
to
A7
A6
A5
to
A2
A1
A0
DQ8
to
DQ15
DQ7
to
DQ0
Manufacturer ID: AMD
L
L
H
BA
X
VID
XLXL
L
X
01h
Device ID:
Am29DL400B
(Top Boot Block)
Word
L
L
H
BA
X
VID
XLXL
H
22h
0C
Byte
L
L
H
X
0C
Device ID:
Am29DL400B
(Bottom Boot Block)
Word
L
L
H
BA
X
VID
XLXL
H
22h
0F
Byte
L
L
H
X
0F
Sector Protection Verification
L
L
H
SA
X
VID
XLX
H
L
X
01h
(protected)
X
00h
(unprotected
)
START
Perform Erase or
Program Operations
RESET# = VIH
Temporary Sector
Unprotect Completed
(Note 2)
RESET# = VID
(Note 1)
Notes:
1. All protected sectors unprotected.
2. All previously protected sectors are protected once again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com