Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L652DU12RI Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # L652DU12RI
Description  128 Megabit (16 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

L652DU12RI Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button L652DU12RI Datasheet HTML 19Page - Advanced Micro Devices L652DU12RI Datasheet HTML 20Page - Advanced Micro Devices L652DU12RI Datasheet HTML 21Page - Advanced Micro Devices L652DU12RI Datasheet HTML 22Page - Advanced Micro Devices L652DU12RI Datasheet HTML 23Page - Advanced Micro Devices L652DU12RI Datasheet HTML 24Page - Advanced Micro Devices L652DU12RI Datasheet HTML 25Page - Advanced Micro Devices L652DU12RI Datasheet HTML 26Page - Advanced Micro Devices L652DU12RI Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
May 5, 2006 24961A5
Am29LV652D
21
D A TA
SH EE T
Temporary Sector Group Unprotect
(Note: In this device, a sector group consists of four adjacent
sectors that are protected or unprotected at the same time
(see Table 5, on page 20)).
This feature allows temporary unprotection of previ-
ously protected sector groups to change data in-sys-
tem. The Sector Group Unprotect mode is activated by
setting RESET# to V
ID (8.5 V – 12.5 V). During this
mode, formerly protected sector groups can be pro-
grammed or erased by selecting the sector group ad-
dresses. Once V
ID is removed from RESET#, all the
p r e v io usly
p r o t ect e d
se ct or
g r ou ps
a r e
protected again. Figure 1, on page 21 shows the algo-
rithm, and Figure 21, on page 46 shows the timing dia-
grams, for this feature.
Figure 1.
Temporary Sector Group
Unprotect Operation
START
Perform Erase or
Program Operations
RESET# = VIH
Temporary Sector
Group Unprotect
Completed (Note 2)
RESET# = V
ID
(Note 1)
Notes:
1. All protected sector groups unprotected.
2. All previously protected sector groups are protected
once again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com