Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L652DU12RI Datasheet(PDF) 38 Page - Advanced Micro Devices

Part # L652DU12RI
Description  128 Megabit (16 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

L652DU12RI Datasheet(HTML) 38 Page - Advanced Micro Devices

Back Button L652DU12RI Datasheet HTML 34Page - Advanced Micro Devices L652DU12RI Datasheet HTML 35Page - Advanced Micro Devices L652DU12RI Datasheet HTML 36Page - Advanced Micro Devices L652DU12RI Datasheet HTML 37Page - Advanced Micro Devices L652DU12RI Datasheet HTML 38Page - Advanced Micro Devices L652DU12RI Datasheet HTML 39Page - Advanced Micro Devices L652DU12RI Datasheet HTML 40Page - Advanced Micro Devices L652DU12RI Datasheet HTML 41Page - Advanced Micro Devices L652DU12RI Datasheet HTML 42Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
36
Am29LV652D
24961A5 May 5, 2006
D A TA
SH EE T
DC CHARACTERISTICS
(For Two Am29LV065 Devices)
CMOS Compatible
Notes:
1. The I
CC current listed is typically less than 2 mA/MHz, with OE# at VIH.
2. Maximum I
CC specifications are tested with VCC = VCCmax.
3. I
CC active while Embedded Erase or Embedded Program is in progress.
4. Assumes only one Am29LV065 die being programmed at the same time.
5. Automatic sleep mode enables the low power mode when addresses remain stable for t
ACC + 30 ns. Typical sleep mode current is
400 nA.
6. If V
IO < VCC, maximum VIL for CE# (or CE2#) is 0.3 VIO. If VIO < VCC, minimum VIH for CE# (or CE2#) is 0.3 VIO.
7. Not 100% tested.
8. CE# can be replaced with CE2# when referring to the second device within the package.
9. Specifications in the table are for the Am29LV652 i.e. two Am29LV065 dice.
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
I
LI
Input Load Current
VIN = VSS to VCC,
V
CC = VCC max
±1.0
µA
I
LIT
A9, ACC Input Load Current
V
CC = VCC max; A9 = 12.5 V
70
µA
ILO
Output Leakage Current
V
OUT = VSS to VCC,
VCC = VCC max
±1.0
µA
I
CC1
V
CC Active Read Current
(Notes 1, 2)
CE# (or CE2#) = V
IL,
OE# = VIH
5 MHz
9
16
mA
1 MHz
2
4
I
CC2
VCC Active Write Current (Notes 2, 3,
4)
CE# (or CE2#) = V
IL, OE# = VIH
26
30
mA
ICC3
VCC Standby Current (Note 2)
CE#, CE2#, RESET# = VCC ± 0.3 V
0.4
10
µA
ICC4
VCC Reset Current (Note 2)
RESET# = VSS ± 0.3 V
0.4
10
µA
ICC5
Automatic Sleep Mode (Notes 2, 5)
VIH = VCC ± 0.3 V; VIL = VSS ± 0.3 V
0.4
10
µA
I
ACC
ACC Accelerated Program Current
(Note 4)
CE# = V
IL, OE# = VIH
ACC
5
10
mA
VCC
15
30
mA
VIL
Input Low Voltage (Note 6)
–0.5
0.8
V
VIH
Input High Voltage (Note 6)
0.7 x VCC
VCC + 0.3
V
VHH
Voltage for ACC Program
Acceleration
VCC = 3.0 V ± 10%
11.5
12.5
V
V
ID
Voltage for Autoselect and
Temporary Sector Unprotect
V
CC = 3.0 V ± 10%
8.5
12.5
V
VOL
Output Low Voltage
IOL = 4.0 mA, VCC = VCC min
0.45
V
VOH1
Output High Voltage (Note 7)
IOH = –2.0 mA, VCC = VCC min
0.85 VIO
V
VOH2
IOH = –100 µA, VCC = VCC min
VIO–0.4
V
VLKO
Low VCC Lock-Out Voltage (Note 7)
2.3
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com