Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29BDS640G Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # AM29BDS640G
Description  64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS640G Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button AM29BDS640G Datasheet HTML 20Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 21Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 22Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 23Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 24Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 25Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 26Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 27Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 77 page
background image
22
Am29BDS640G
25903C2 May 9, 2006
Data
Sheet
Table 7. Sector Address Table
Sector
Sector Size
(x16) Address Range
Bank D
SA0
8 Kwords
000000h-001FFFh
SA1
8 Kwords
002000h-003FFFh
SA2
8 Kwords
004000h-005FFFh
SA3
8 Kwords
006000h-007FFFh
SA4
32 Kwords
008000h-00FFFFh
SA5
32 Kwords
010000h-017FFFh
SA6
32 Kwords
018000h-01FFFFh
SA7
32 Kwords
020000h-027FFFh
SA8
32 Kwords
028000h-02FFFFh
SA9
32 Kwords
030000h-037FFFh
SA10
32 Kwords
038000h-03FFFFh
SA11
32 Kwords
040000h-047FFFh
SA12
32 Kwords
048000h-04FFFFh
SA13
32 Kwords
050000h-057FFFh
SA14
32 Kwords
058000h-05FFFFh
SA15
32 Kwords
060000h-067FFFh
SA16
32 Kwords
068000h-06FFFFh
SA17
32 Kwords
070000h-077FFFh
SA18
32 Kwords
078000h-07FFFFh
SA19
32 Kwords
080000h-087FFFh
SA20
32 Kwords
088000h-08FFFFh
SA21
32 Kwords
090000h-097FFFh
SA22
32 Kwords
098000h-09FFFFh
SA23
32 Kwords
0A0000h-0A7FFFh
SA24
32 Kwords
0A8000h-0AFFFFh
SA25
32 Kwords
0B0000h-0B7FFFh
SA26
32 Kwords
0B8000h-0BFFFFh
SA27
32 Kwords
0C0000h-0C7FFFh
SA28
32 Kwords
0C8000h-0CFFFFh
SA29
32 Kwords
0D0000h-0D7FFFh
SA30
32 Kwords
0D8000h-0DFFFFh
SA31
32 Kwords
0E0000h-0E7FFFh
SA32
32 Kwords
0E8000h-0EFFFFh
SA33
32 Kwords
0F0000h-0F7FFFh
SA34
32 Kwords
0F8000h-0FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com