Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA723 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MA723
Description  Precision voltage regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MA723 Datasheet(HTML) 6 Page - NXP Semiconductors

  MA723 Datasheet HTML 1Page - NXP Semiconductors MA723 Datasheet HTML 2Page - NXP Semiconductors MA723 Datasheet HTML 3Page - NXP Semiconductors MA723 Datasheet HTML 4Page - NXP Semiconductors MA723 Datasheet HTML 5Page - NXP Semiconductors MA723 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Philips Semiconductors
Product specification
µA723/723C
Precision voltage regulator
1994 Aug 31
6
TYPICAL APPLICATIONS (Continued)
I
KNEE +
V
OUT
R
3
R
SC
R
4
)
V
SENSE
(R
3 )
R
4
)
R
SC
R
4
V
OUT +
V
REF
X
R
1 )
R
2
R
4
I
SHORT CKT +
V
SENSE
R
SC
X
R
3 )
R
4
R
4
R
4
R
3
+
V
OUT
I
SC
V
SENSE
(I
KNEE
– I
SHORT CKT
)
– 1
R
SC +
V
SENSE
I
SC
1
)
R
3
R
4
NOTES:
NOTES:
NOTE:
V
OUT +
V
REF
x
R
2
R
1 )
R
2
V
OUT +
V
REF
x
R
2
R
1 )
R
2
; R
3 +
R
4
R
3 +
R
1
R
2
R
1 )
R
2
for minimum temperature drift
NOTE:
R3 may be eliminated for minimum component count
Remote Shutdown Regulator With Current
Limiting (VOUT = 2 to 7V)
High Voltage Regulator (VOUT = 7 to 37V)
Foldback Current Limiting Regulator (VOUT = 2 to 7V)
R2
R4
COMP
V–
1nF
C1
R1
RSC
VC
V+
VIN
VREF VOUT
CL
CS
INV
N.I.
Q1
R3
2k
Ω
2k
Ω
LOGIC INPUT
REGULATED
OUTPUT
VREF VOUT
CL
CS
INV
N.I.
V–
V+
VIN
VC
R3
COMP
REGULATED
OUTPUT
R2
R1
100pF
C1
RSC
R2
COMP
V–
R1
VC
VIN
VREF
VOUT
CL
CS
INV
N.I.
RSC
REGULATED
OUTPUT
1nF
C1
R4
R3
VZ
16
0
OUTPUT CURRENT — mA
R3 = 500Ω
RSC = 3.4Ω
R4 = 3.6kΩ
14
12
10
8
6
4
2
0
ISHORT
10
20
30
40
50
60
IKNEE
SL00508
Figure 6. Typical Applications (cont.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com