Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA723 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MA723
Description  Precision voltage regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MA723 Datasheet(HTML) 3 Page - NXP Semiconductors

  MA723 Datasheet HTML 1Page - NXP Semiconductors MA723 Datasheet HTML 2Page - NXP Semiconductors MA723 Datasheet HTML 3Page - NXP Semiconductors MA723 Datasheet HTML 4Page - NXP Semiconductors MA723 Datasheet HTML 5Page - NXP Semiconductors MA723 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Philips Semiconductors
Product specification
µA723/723C
Precision voltage regulator
1994 Aug 31
3
DC ELECTRICAL CHARACTERISTICS
TA=25°C, unless otherwise specified.1
SYMBOL
PARAMETER
TEST CONDITIONS
µA723
µA723C
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
Min
Typ
Max
UNITS
VR LINE
Line regulation2
VIN=12V to VIN=15V
0.01
0.1
0.01
0.1
%VOUT
VR LINE
Line regulation2
VIN=12V to VIN=40V
0.02
0.2
0.1
0.5
%VOUT
VR LOAD
Load regulation2
IL=1mA to IL=50mA
0.03
0.15
0.03
0.2
%VOUT
∆VIN/∆ VO
Ripple Rejection
f=50Hz to 10kHz, CREF=0
74
74
dB
∆VIN/∆ VO
Ripple Rejection
f=50Hz to 10kHz, CREF=5µF
86
86
dB
IOS
Short-circuit current
RSC=10Ω, VOUT=0
65
65
mA
VREF
Reference voltage
IREF=0.1mA
6.95
7.15
7.35
6.80
7.15
7.50
V
VREF (LOAD)
Reference voltage
change with load
IREF=0.1mA to 5mA
20
20
mV
VNOISE
Output noise voltage
BW=100Hz to 10kHz, CREF=0
20
20
µVRMS
VNOISE
Output noise voltage
BW=100Hz to 10kHz, CREF=5µF
2.5
2.5
µVRMS
S
Long-term stability
Tj=Tjmax.
TA=25
°C for end point
measurment
0.1
0.1
%1000 hrs.
ISCD
Standby current drain
IL=0, VIN=30V
2.3
3.5
2.3
4.0
mA
VIN
Input voltage range
9.5
40
9.5
40
V
VOUT
Output voltage range
2.0
37
2.0
37
V
VDIFF
Input-output voltage
differential
3.0
38
3.0
38
V
The following specifications apply over the operating temperature ranges.
VR LINE
Line regulation
VIN=12V to VIN=15V
0.3
0.3
%VOUT
VR LOAD
Load regulation
IL=1mA to IL=50mA
0.6
0.6
%VOUT
TC
Average temperature
coefficient of output
voltage
0.002
0.015
0.003
0.015
%/
°C
NOTES:
1. VIN=V+=VC=12V, V-=0V, VOUT=5V, IL=1mA, RSC=0, C1=100pF, CREF=0 and divider impedance as seen by error amplifier≤10kΩ.
2. The load and line regulation specifications are for constant junction temperature. Temperature drift effects must be taken into account
separately when the unit is operating under conditions of high dissipation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com