Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUW-150D320DX Datasheet(PDF) 1 Page - Inventronics Inc.

Part # EUW-150D320DX
Description  150W Programmable IP66 /IP67 Tunable White Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EUW-150D320DX Datasheet(HTML) 1 Page - Inventronics Inc.

  EUW-150D320DX Datasheet HTML 1Page - Inventronics Inc. EUW-150D320DX Datasheet HTML 2Page - Inventronics Inc. EUW-150D320DX Datasheet HTML 3Page - Inventronics Inc. EUW-150D320DX Datasheet HTML 4Page - Inventronics Inc. EUW-150D320DX Datasheet HTML 5Page - Inventronics Inc. EUW-150D320DX Datasheet HTML 6Page - Inventronics Inc. EUW-150D320DX Datasheet HTML 7Page - Inventronics Inc. EUW-150D320DX Datasheet HTML 8Page - Inventronics Inc. EUW-150D320DX Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1 / 19
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
150W Programmable IP66/IP67 Tunable White Driver
EUW-150DxxxDx
Rev.C
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Features
Description
The EUW-150DxxxDx series is a 150W, constant-current, programmable IP66/IP67 LED driver that operates from
90-305Vac input with excellent power factor. Created to enhance tunnel, high bay, signage, or horticulture type
applications by offering a simplified white color tuning solution. The high efficiency of these drivers and compact
metal case enables them to run cooler, significantly improving reliability and extending product life. To ensure
trouble-free operation, protection is provided against input surge, output over voltage, short circuit, and over
temperature.
Models
Adjustable
Output
Current
Range
Full-Power
Current
Range (1)
Default
Output
Current
Input
Voltage
Range(2)
Output
Voltage
Range
Max.
Output
Power
Typical
Efficiency
(3)
Typical
Power Factor
Model Number
(5)
120Vac 220Vac
10.5-1400mA 1050-1400mA 1050mA
90~305 Vac/
127~300 Vdc
53~143Vdc 150W
93.0%
0.99
0.96
EUW-150D140Dx
28-3200mA 2800-3200mA 2800mA
90~305 Vac/
127~300 Vdc
34~54 Vdc 150W
91.5%
0.99
0.96
EUW-150D320Dx(4)
Notes:(1) Output current range with constant power at 150W
(2) Certified input voltage range: UL, FCC 100-277Vac; otherwise 100-240Vac
(3) Measured at 100% load and 220Vac input (see below “General Specifications” for details)
(4) SELV Output
(5) x = V is CCC and CE model; X = F is UL Recognized model
Adjust Color Temperature Continuously
Adjust Intensity and Color Temperature Separately
150W Max Each Channel with Total 150W Load
1% Min Each Channel with Total 10% Min Dimming
Independent Dual Output Channels (Optional)
Independent Dual Dimming Channels (Optional)
Dim-to-Off (Optional)
Channel 1 Power Transfer (Optional)
Full Power at Wide Output Current Range (Constant Power)
Adjustable Output Current (AOC) with Programmability
Isolated 1-5V/1-10V/10V PWM/3-Timer-Modes Dimmable
Output Lumen Compensation
Input Surge Protection: DM 6kV, CM 10kV
All-Around Protection: OVP, SCP, OTP
IP66/IP67 (DV model)
IP66 and UL Dry/Damp Location (DF model)
TYPE HL, for Use in a Class I, Division 2 Hazardous
(Classified) Location
5 Years Warranty


Similar Part No. - EUW-150D320DX

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUW-100D105DX INVENTRONICS-EUW-100D105DX Datasheet
871Kb / 19P
100W Programmable IP66 /IP67 Tunable White Driver
Rev.B
EUW-100D210DX INVENTRONICS-EUW-100D210DX Datasheet
871Kb / 19P
100W Programmable IP66 /IP67 Tunable White Driver
Rev.B
EUW-100DXXXDX INVENTRONICS-EUW-100DXXXDX Datasheet
871Kb / 19P
100W Programmable IP66 /IP67 Tunable White Driver
Rev.B
More results

Similar Description - EUW-150D320DX

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUW-040DXXXDX INVENTRONICS-EUW-040DXXXDX Datasheet
834Kb / 16P
40W Programmable IP66/IP67 Tunable White Driver
Rev.B
EUW-060DXXXDX INVENTRONICS-EUW-060DXXXDX Datasheet
843Kb / 16P
60W Programmable IP66/IP67 Tunable White Driver
Rev.C
EUW-100DXXXDX INVENTRONICS-EUW-100DXXXDX Datasheet
871Kb / 19P
100W Programmable IP66 /IP67 Tunable White Driver
Rev.B
EUW-200DXXXDX INVENTRONICS-EUW-200DXXXDX Datasheet
912Kb / 19P
200W Programmable IP66/IP67 Tunable White Driver
Rev.B
EUW-240DXXXDX INVENTRONICS-EUW-240DXXXDX Datasheet
874Kb / 19P
240W Programmable IP66/IP67 Tunable White Driver
Rev.B
EUD-150SXXXDVABVA INVENTRONICS-EUD-150SXXXDVABVA Datasheet
1Mb / 13P
150W Programmable IP67 Driver
Rev. D
EUG-150SXXXDT INVENTRONICS-EUG-150SXXXDT Datasheet
1,023Kb / 15P
150W Programmable IP67 Driver
Rev. F
EUG-150SXXXDV INVENTRONICS-EUG-150SXXXDV Datasheet
964Kb / 16P
150W Programmable IP67 Driver
Rev. I
EUD-150SXXXDT INVENTRONICS-EUD-150SXXXDT Datasheet
1Mb / 12P
150W Programmable IP67 Driver
Rev. F
EUK-150SXXXDV INVENTRONICS-EUK-150SXXXDV Datasheet
2Mb / 14P
150W Programmable IP67 Driver
Rev.E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com