| Electronic Components Datasheet Search |
|
AM29PDL640G73WHI Datasheet(PDF) 3 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29PDL640G73WHI Datasheet(HTML) 3 Page - Advanced Micro Devices |
|
3 / 61 page ![]() This Data Sheet states AMD’s current technical specifications regarding the Products described herein. This Data Sheet may be revised by subsequent versions or modifications due to changes in technical specifications. Publication# 26573 Rev: B Amendment/+2 Issue Date: December 13, 2005 Refer to AMD’s Website (www.amd.com) for the latest information. Am29PDL640G 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control DISTINCTIVE CHARACTERISTICS ARCHITECTURAL ADVANTAGES 64 Mbit Page Mode device — Page size of 8 words: Fast page read access from random locations within the page Single power supply operation — Full Voltage range: 2.7 to 3.1 volt read, erase, and program operations for battery-powered applications Simultaneous Read/Write Operation — Data can be continuously read from one bank while executing erase/program functions in another bank — Zero latency switching from write to read operations FlexBank Architecture — 4 separate banks, with up to two simultaneous operations per device — Bank A: 8 Mbit (4 Kw x 8 and 32Kw x 15) — Bank B: 24 Mbit (32 Kw x 48) — Bank C: 24 Mbit (32 Kw x 48) — Bank D: 8 Mbit (4 Kw x 8 and 32 Kw x 15) Enhanced VersatileI/OTM (VIO) Control — Output voltage generated and input voltages tolerated on all control inputs and I/Os is determined by the voltage on the V IO pin SecSiTM (Secured Silicon) Sector region — Up to 128 words accessible through a command sequence Both top and bottom boot blocks in one device Manufactured on 0.17 µm process technology 20-year data retention at 125°C Minimum 1 million erase cycle guarantee per sector PERFORMANCE CHARACTERISTICS High Performance — Page access times as fast as 25 ns — Random access times as fast as 65 ns Power consumption (typical values at 10 MHz) — 25 mA active read current — 15 mA program/erase current — 0.2 µA typical standby mode current SOFTWARE FEATURES Software command-set compatible with JEDEC 42.4 standard — Backward compatible with Am29F and Am29LV families CFI (Common Flash Interface) complaint — Provides device-specific information to the system, allowing host software to easily reconfigure for different Flash devices Erase Suspend / Erase Resume — Suspends an erase operation to allow read or program operations in other sectors of same bank Unlock Bypass Program command — Reduces overall programming time when issuing multiple program command sequences HARDWARE FEATURES Ready/Busy# pin (RY/BY#) — Provides a hardware method of detecting program or erase cycle completion Hardware reset pin (RESET#) — Hardware method to reset the device to reading array data WP#/ACC (Write Protect/Accelerate) input —At VIL, protects the first and last two 4K word sectors, regardless of sector protect/unprotect status —At VIH, allows removal of sector protection —At V HH, provides faster programming times in a factory setting Persistent Sector Protection — A command sector protection method to lock combinations of individual sectors and sector groups to prevent program or erase operations within that sector — Sectors can be locked and unlocked in-system at V CC level Password Sector Protection — A sophisticated sector protection method to lock combinations of individual sectors and sector groups to prevent program or erase operations within that sector using a user-defined 64-bit password Package options — 63-ball Fine-pitch BGA — 80-ball Fine-pitch BGA This product has been retired and is not available for designs. For new and current designs, S29PL064J supersedes Am29PDL640G and is the factory-recommended migration path. Please refer to the S29PL064J datasheet for specifications and ordering information. Availability of this document is retained for reference and historical purposes only. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |